Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-CQDP.EC Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LCW-CQDP.EC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-CQDP.EC Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LCW-CQDP.EC Datasheet HTML 5Page - OSRAM GmbH LCW-CQDP.EC Datasheet HTML 6Page - OSRAM GmbH LCW-CQDP.EC Datasheet HTML 7Page - OSRAM GmbH LCW-CQDP.EC Datasheet HTML 8Page - OSRAM GmbH LCW-CQDP.EC Datasheet HTML 9Page - OSRAM GmbH LCW-CQDP.EC Datasheet HTML 10Page - OSRAM GmbH LCW-CQDP.EC Datasheet HTML 11Page - OSRAM GmbH LCW-CQDP.EC Datasheet HTML 12Page - OSRAM GmbH LCW-CQDP.EC Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Version 1.0
LCW CQDP.EC
2012-10-29
9
Group Name on Label
Gruppenbezeichnung auf Etikett
Example: KT-5J-3
Beispiel: KT-5J-3
5M
0.3746
0.3624
8R
0.4261
0.4077
5X
0.4538
0.3931
0.3773
0.3726
0.4299
0.4165
0.4591
0.4025
0.3822
0.3670
0.4346
0.4108
0.4593
0.3944
0.3853
0.3776
0.4387
0.4197
0.4648
0.4038
6M
0.3773
0.3726
5S
0.4222
0.3840
6X
0.4591
0.4025
0.3799
0.3828
0.4263
0.3929
0.4644
0.4118
0.3853
0.3776
0.4298
0.3867
0.4648
0.4038
0.3885
0.3882
0.4342
0.3957
0.4703
0.4132
7M
0.3799
0.3828
6S
0.4263
0.3929
7X
0.4644
0.4118
0.3826
0.3931
0.4305
0.4019
0.4697
0.4211
0.3885
0.3882
0.4342
0.3957
0.4703
0.4132
0.3916
0.3987
0.4386
0.4048
0.4758
0.4225
5N
0.3822
0.3670
7S
0.4305
0.4019
8X
0.4697
0.4211
0.3853
0.3776
0.4346
0.4108
0.4750
0.4304
0.3898
0.3716
0.4386
0.4048
0.4758
0.4225
0.3934
0.3825
0.4430
0.4138
0.4813
0.4319
6N
0.3853
0.3776
8S
0.4346
0.4108
0.3885
0.3882
0.4387
0.4197
0.3934
0.3825
0.4430
0.4138
0.3970
0.3935
0.4474
0.4228
7N
0.3885
0.3882
5T
0.4298
0.3867
0.3916
0.3987
0.4342
0.3957
0.3970
0.3935
0.4373
0.3893
0.4006
0.4044
0.4420
0.3985
Brightness
Helligkeit
Chromaticity Coordinate
Farbort
Forward Voltage
Durchlassspannung
KT
5J
3
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com