Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-CQDP.EC Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LCW-CQDP.EC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-CQDP.EC Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LCW-CQDP.EC Datasheet HTML 8Page - OSRAM GmbH LCW-CQDP.EC Datasheet HTML 9Page - OSRAM GmbH LCW-CQDP.EC Datasheet HTML 10Page - OSRAM GmbH LCW-CQDP.EC Datasheet HTML 11Page - OSRAM GmbH LCW-CQDP.EC Datasheet HTML 12Page - OSRAM GmbH LCW-CQDP.EC Datasheet HTML 13Page - OSRAM GmbH LCW-CQDP.EC Datasheet HTML 14Page - OSRAM GmbH LCW-CQDP.EC Datasheet HTML 15Page - OSRAM GmbH LCW-CQDP.EC Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
2012-10-29
12
Version 1.0
LCW CQDP.EC
Forward Current 4) page 26
Durchlassstrom 4) Seite26
IF = f (VF); TS = 25 °C
Relative Luminous Flux 4) page 26 , 6) page 26
Relativer Lichtstrom 4) Seite26 , 6) Seite 26
ΦVV(350 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 4) page 26
Farbortverschiebung 4) Seite 26
Cx, Cy = f(IF); TS = 25 °C
OHL05387
2.8
3.0
3.2
3.4
3.6
100
200
300
400
500
600
700
800
V (V)
F
I (mA)
F
OHL04575
I
F
Φ (350 mA)
V
V
Φ
0
mA
200
400
600
800
0.5
1.0
1.5
2.0
OHL04573
Cx, Cy
F
I
mA
200
400
600
800
Cy
Cx
0.40
0.41
0.42
0.43
0.44
0.45
0.46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com