Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSW Datasheet(PDF) 4 Page - Schurter Inc.

Part # FSW
Description  AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FSW Datasheet(HTML) 4 Page - Schurter Inc.

  FSW Datasheet HTML 1Page - Schurter Inc. FSW Datasheet HTML 2Page - Schurter Inc. FSW Datasheet HTML 3Page - Schurter Inc. FSW Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
1-Phase Line Filters
FSW
https://www.schurter.com /PG84
EMC Products
Industrial version
3 A
6 A
10 A
All Variants
Rated Cur-
rent [A]
Filter-Type
Leakage Cur-
rent [mA]
Terminal
L [mH]
Cx [µF]
Cy1
[nF]
Cy2
[nF]
R
[M
Ω]
Weight
[g]
Housings
Packaging
[PCS]
Order Number
3
Standard Version
0.25
Quick connect terminals
2 x 2
0.1
1.5
1
1
157 g
49
10
5500.2058
█
6
Standard Version
0.25
Quick connect terminals
2 x 0.8
0.1
1.5
1
1
159 g
49
10
5500.2060
█
10
Standard Version
0.25
Quick connect terminals
2 x 0.4
0.1
1.5
1
1
159 g
49
10
5500.2062
█
16
Standard Version
0.5
Quick connect terminals
2 x 1.3
1
4.7
-
1
200 g
48
10
5500.2218
█
20
Standard Version
0.5
Quick connect terminals
2 x 2.4
2.2
4.7
-
1
840 g
FF
4
5500.2219
24
Standard Version
0.5
Quick connect terminals
2 x 2
2.2
4.7
-
1
910 g
FF
4
5500.2220
25
Standard Version
0.5
Bolts and nuts M4
2 x 2
2.2
4.7
-
1
910 g
FF
4
5500.2221
█
36
Standard Version
0.5
Bolts and nuts M4
2 x 1.23
2.2
4.7
-
1
910 g
FF
4
5500.2222
█
3
Industrial Version
2.5
Quick connect terminals
2 x 2
0.1
22
1
1
157 g
49
10
5500.2059
6
Industrial Version
2.5
Quick connect terminals
2 x 0.8
0.1
22
1
1
159 g
49
10
5500.2061
█
10
Industrial Version
2.5
Quick connect terminals
2 x 0.4
0.1
22
1
1
159 g
49
10
5500.2063
█
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com