Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSW Datasheet(PDF) 1 Page - Schurter Inc.

Part # FSW
Description  AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FSW Datasheet(HTML) 1 Page - Schurter Inc.

  FSW Datasheet HTML 1Page - Schurter Inc. FSW Datasheet HTML 2Page - Schurter Inc. FSW Datasheet HTML 3Page - Schurter Inc. FSW Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
1-Phase Line Filters
FSW
https://www.schurter.com /PG84
EMC Products
AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
Approvals and Compliances
Description
- Line-filter in standard version
- 2 positions
- high attenuation
Characteristics
- Designed for increased requirements
- 2-stage line filter with increased attenuation
Protection against interference voltage from the mains
- Especially designed for industrial applications such as: Frequency Con-
verters, Stepper Motor Drives, UPS-Systems, Inverters
Especially suitable for use in switching power supplies
- Suitable for use in equipment according to IEC/UL 60950
References
Alternative: Standard version
Weblinks
pdf datasheet, html-datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product, Microsite
Technical Data
Ratings IEC
3 - 36 A @ Ta 40 °C / 250 VAC; 50 Hz
Ratings UL/CSA
3 - 36 A @ Ta 40 °C / 125 VAC; 60 Hz
Leakage Current
standard < 0.5 mA (250 V / 60 Hz)
Dielectric Strength
> 1.7 kVDC between L-N
> 2.7 kVDC between L/N-PE
Test voltage (2 sec)
Allowable Operation Tempe-
rature
-25 °C to 100 °C
Climatic Category
25/100/21 acc. to IEC 60068-1
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
Quick connect terminals 6.3 x 0.8 mm
or screw terminals
Current >24 A requires screw terminals
Material: Housing
Alu. anodised / Stainless Steel
Line Filter
Standard and Industrial Version, IEC
60939, UL 1283, CSA C22.2 no. 8
Technical Details
MTBF
> 200'000 h acc. to MIL-HB-217 F
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: FSW
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
Certificate Number: 40019274
UL Approvals
UL
UL File Number: E72928


Similar Part No. - FSW

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSW SCHURTER-FSW Datasheet
587Kb / 3P
AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FSW SCHURTER-FSW Datasheet
495Kb / 5P
AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
logo
Level One
FSW-0503 LVL1-FSW-0503 Datasheet
707Kb / 5P
Provides flexibility of 4 x 10/100BASE-TX PoE ports IEEE 802.3af PoE compliant to simplify deployment and installation
FSW-0503-Z LVL1-FSW-0503-Z Datasheet
657Kb / 3P
Simple Plug and Play installation
FSW-0508TX LVL1-FSW-0508TX Datasheet
794Kb / 4P
Provides flexibility of 5x 10/100BASE-TX ports 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
More results

Similar Description - FSW

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMW-150 SCHURTER-FMW-150 Datasheet
413Kb / 2P
AC Filter 3-Stage, Very High Broad Band Attenuation
FSS SCHURTER-FSS Datasheet
532Kb / 3P
AC Filter 2-Stage, Very High Symmetrical Attenuation
FSW SCHURTER-FSW Datasheet
587Kb / 3P
AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FMABNEO SCHURTER-FMABNEO Datasheet
693Kb / 6P
AC Filter, High Symmetrical Attenuation
FMABHV SCHURTER-FMABHV Datasheet
668Kb / 6P
AC / DC Filter, High Symmetrical Attenuation
FMABNEO SCHURTER-FMABNEO_V01 Datasheet
1Mb / 13P
AC Filter, High Symmetrical Attenuation
FMW-150 SCHURTER-FMW-150_V01 Datasheet
285Kb / 3P
AC Filter 3-Stage, Very High Broad Band Attenuation
FSS SCHURTER-FSS_V01 Datasheet
444Kb / 4P
AC Filter 2-Stage, Very High Symmetrical Attenuationl
FSW SCHURTER-FSW_V01 Datasheet
495Kb / 5P
AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FMABNEO SCHURTER-FMABNEO_V02 Datasheet
1Mb / 13P
AC Filter, High Symmetrical Attenuation
23.11.2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com