Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS19 Datasheet(PDF) 3 Page - Schurter Inc.

Part # MCS19
Description  Metal Switch Short Stroke
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MCS19 Datasheet(HTML) 3 Page - Schurter Inc.

  MCS19 Datasheet HTML 1Page - Schurter Inc. MCS19 Datasheet HTML 2Page - Schurter Inc. MCS19 Datasheet HTML 3Page - Schurter Inc. MCS19 Datasheet HTML 4Page - Schurter Inc. MCS19 Datasheet HTML 5Page - Schurter Inc. MCS19 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Metal Line Switches
MCS 19
https://www.schurter.com /PG70
Switches
Dimension [mm]
MCS 19
7.62
Ø14
22
ON
Ø21.5
M19x0.75
A
MCS 19 Connection Versions
Ø
1
Ø
2
Drawing 1: Pins
Drawing 2: Pins with Soldering Aid
Drawing 3: Clip for Pins
MCS 19 PI
7.62
Ø14
22
ON
Ø21.5
M19x0.75
A
Legend:
Zinc Die Casting Version:
x = 1 mm without sealing ring
x = 2 mm with sealing ring
Stainless Steel Version:
x = 1 mm without sealing ring
x = 1,7 mm with sealing ring
Dimension
+0.1
Ø
19
Ø
18
Drilling diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com