Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS19 Datasheet(PDF) 2 Page - Schurter Inc.

Part # MCS19
Description  Metal Switch Short Stroke
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MCS19 Datasheet(HTML) 2 Page - Schurter Inc.

  MCS19 Datasheet HTML 1Page - Schurter Inc. MCS19 Datasheet HTML 2Page - Schurter Inc. MCS19 Datasheet HTML 3Page - Schurter Inc. MCS19 Datasheet HTML 4Page - Schurter Inc. MCS19 Datasheet HTML 5Page - Schurter Inc. MCS19 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Metal Line Switches
MCS 19
https://www.schurter.com /PG70
Switches
Technical Data
Electrical Data
Supply Voltage
LED operating data are listed in sepa-
rate table
Contact Material Silver
Switching Voltage
min. 4 VDC , max. 48 VDC
Switching Current
max. 125 mA
Rated Switching Capacity
1.2 W
Lifetime
1 million actuations at Rated Switching
Capacity
Contact Resistance
< 50 m
Ω, < 150 mΩ after lifetime
Insulation Resistance
> 100 M
Ω
Duration of Bounce
< 5 ms
Contact Material Gold
Switching Voltage
min. 50 mVDC, max. 24 VDC
Switching Current
max. 80 mA
Rated Switching Capacity
0.36 W
Lifetime
1 million actuations at Rated Switching
Capacity
Contact Resistance
< 50 m
Ω, < 150 mΩ after lifetime
Insulation Resistance
> 100 M
Ω
Duration of Bounce
< 5 ms
Mechanical Data
Actuating Force
3.7 N
Actuating Travel
0.4 mm,
Lifetime
1 million actuations
Shock Protection
IK 05 ,
Tightening Torque
0.4 Nm with Sealing Ring, 1.5 Nm wit-
hout Sealing Ring
Climatical Data
Operating Temperature
-20 to +60 °C
Storage Temperature
-20 to +60 °C
Protection Class
IP 65
Switching Unit
IP 65
Salt Spray Test (acc. to DIN
50021-SS)
24 h / 48 h / 96 h Residence Time
Other Data
Contact Material
Ag / Au
Soldering Data
Tinning
260 °C / 2 sec according to DIN IEC
60068-2-20
Solderability
260 °C / 2 sec (IEC 60068-2-20 Test Ta
Method 1)
Resistance to Soldering Heat
260 °C / 5 sec (IEC 60068-2-20 Test Tb
Method 1A)
Material
Housings
Stainless Steel 1.4305 / Zinc Die Ca-
sting Nickel Plated
Actuator unlettered
Zinc Die Casting Nickel Plated
Actuator lettered
Stainless Steel
Contact
CuZn37 2,5 µm Ag
Snap Dome
X 12 CrNi 177 gold plated
Socket
PA
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
Approval Reference Type:
Approval Logo
Certification Body
Description
EU
EMC: EMC directive 2004/108/EWG
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technology equipment.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com