Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9518 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP9518
Description  Single-Phase, BLDC, Motor Driver with Integrated Hall Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9518 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP9518 Datasheet HTML 1Page - Monolithic Power Systems MP9518 Datasheet HTML 2Page - Monolithic Power Systems MP9518 Datasheet HTML 3Page - Monolithic Power Systems MP9518 Datasheet HTML 4Page - Monolithic Power Systems MP9518 Datasheet HTML 5Page - Monolithic Power Systems MP9518 Datasheet HTML 6Page - Monolithic Power Systems MP9518 Datasheet HTML 7Page - Monolithic Power Systems MP9518 Datasheet HTML 8Page - Monolithic Power Systems MP9518 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP9518
–SINGLE-PHASE, BLDC, MOTOR DRIVER WITH INTEGRATED HALL SENSOR
MP9518 Rev.1.0
www.MonolithicPower.com
2
7/24/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP9518GJ-xxxx**
TSOT23-6
See Below
MP9518GJS-xxxx**
TSOT23-6-SL
* For Tape & Reel, add suffix
–Z (e.g. MP MP9518GJS–Z).
**
“xxxx” is the configuration code identifier for operating current limit, soft on/off, PLL disable, and RD/FG options.
For the default case, the number is
“0000”. Each “x” can have a hexadecimal value between 0 and F. Please work
with an MPS FAE to create this unique
“xxxx” code. The standard product versions are listed below:
1.
MP9518GJS-0000: Default setting
2.
MP9518GJS-0001: 1.2A current limit version
3.
MP9518GJS-0002: 1.2A current limit and RD output version
4.
MP9518GJS-0003: 1.2A current limit, soft on/off, and PLL disable version
TOP MARKING (MP9518GJ)
AUG: Product code of MP9518GJ
Y: Year code
TOP MARKING (MP9518GJS)
AUG: Product code of MP9518GJS
Y: Year code
LLL: lot number;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com