Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9518 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP9518
Description  Single-Phase, BLDC, Motor Driver with Integrated Hall Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9518 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP9518 Datasheet HTML 6Page - Monolithic Power Systems MP9518 Datasheet HTML 7Page - Monolithic Power Systems MP9518 Datasheet HTML 8Page - Monolithic Power Systems MP9518 Datasheet HTML 9Page - Monolithic Power Systems MP9518 Datasheet HTML 10Page - Monolithic Power Systems MP9518 Datasheet HTML 11Page - Monolithic Power Systems MP9518 Datasheet HTML 12Page - Monolithic Power Systems MP9518 Datasheet HTML 13Page - Monolithic Power Systems MP9518 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP9518
–SINGLE-PHASE, BLDC, MOTOR DRIVER WITH INTEGRATED HALL SENSOR
MP9518 Rev.1.0
www.MonolithicPower.com
12
7/24/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
OUT2
GND
1
2
3
6
5
4
VCC
PWM
FG/RD
OUT1
Motor
C1
Vin
R2
R1
Section1
(Optional)
Section2
(Optional)
(Optional)
(Optional)
Figure 6: Typical Application Circuit for 12V VCC Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com