Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6301 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP6301
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6301 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP6301 Datasheet HTML 1Page - Renesas Technology Corp HIP6301 Datasheet HTML 2Page - Renesas Technology Corp HIP6301 Datasheet HTML 3Page - Renesas Technology Corp HIP6301 Datasheet HTML 4Page - Renesas Technology Corp HIP6301 Datasheet HTML 5Page - Renesas Technology Corp HIP6301 Datasheet HTML 6Page - Renesas Technology Corp HIP6301 Datasheet HTML 7Page - Renesas Technology Corp HIP6301 Datasheet HTML 8Page - Renesas Technology Corp HIP6301 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FN4765 Rev 6.00
Page 1 of 17
December 27, 2004
FN4765
Rev 6.00
December 27, 2004
HIP6301
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
DATASHEET
The HIP6301 multi-phase PWM control IC together with its
companion gate drivers, the HIP6601B, HIP6602B,
HIP6603B or HIP6604B and external MOSFETs provides a
precision voltage regulation system for advanced
microprocessors. Multiphase power conversion is a marked
departure from earlier single phase converter configurations
previously employed to satisfy the ever increasing current
demands of modern microprocessors. Multi-phase
convertors, by distributing the power and load current results
in smaller and lower cost transistors with fewer input and
output capacitors. These reductions accrue from the higher
effective conversion frequency with higher frequency ripple
current due to the phase interleaving process of this
topology. For example, a three phase convertor operating at
350kHz will have a ripple frequency of 1.05MHz. Moreover,
greater convertor bandwidth of this design results in faster
response to load transients.
Outstanding features of this controller IC include
programmable VID codes from the microprocessor that
range from 1.100V to 1.850V with a system accuracy of
1%. Pull up currents on these VID pins eliminates the need
for external pull up resistors. In addition “droop”
compensation, used to reduce the overshoot or undershoot
of the CORE voltage, is easily programmed with a single
resistor.
Another feature of this controller IC is the PGOOD monitor
circuit which is held low until the CORE voltage increases,
during its Soft-Start sequence, to within 10% of the
programmed voltage. Overvoltage, 15% above programmed
CORE voltage, results in the converter shutting down and
turning the lower MOSFETs ON to clamp and protect the
microprocessor. Under voltage is also detected and results
in PGOOD low if the CORE voltage falls 10% below the
programmed level. Overcurrent protection reduces the
regulator current to less than 25% of the programmed trip
value. These features provide monitoring and protection for
the microprocessor and power system.
Features
• Multi-Phase Power Conversion
• Precision Channel Current Sharing
- Loss Less Current Sampling - Uses rDS(ON)
• Precision CORE Voltage Regulation
-
1% System Accuracy Over Temperature
• Microprocessor Voltage Identification Input
- 5-Bit VID Input
- 1.100V to 1.850V in 25mV Steps
- Programmable “Droop” Voltage
• Fast Transient Recovery Time
• Over Current Protection
• Automatic Selection of 2, 3, or 4 Phase Operation
• High Ripple Frequency, (Channel Frequency) Times
Number Channels . . . . . . . . . . . . . . . . . .100kHz to 6MHz
• Pb-Free Available (RoHS Compliant)
Pinout
HIP6301 (SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. (°C)
PACKAGE
PKG. DWG #
HIP6301CB
0 to 70
20 Ld SOIC
M20.3
HIP6301CBZ
(Note)
0 to 70
20 Ld SOIC
(Pb-free)
M20.3
HIP6301CB-T
20 Ld SOIC Tape and Reel
HIP6301CBZ-T
(Note)
20 Ld SOIC Tape and Reel
(Pb-free)
HIP6301CBZA-T
(Note)
20 Ld SOIC Tape and Reel
(Pb-free)
HIP6301EVAL2
Evaluation Platform
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination finish, which are
RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
VID4
VID3
VID2
VID1
VID0
FS/DIS
PWM2
PGOOD
PWM3
ISEN4
ISEN1
VCC
GND
ISEN3
FB
PWM4
VSEN
COMP
PWM1
ISEN2
NOT RECOMMENDED FOR NEW DESIGNS
NO RECOMMENDED REPLACEMENT
contact our Technical Support Center at
1-888-INTERSIL or www.intersil.com/tsc


Similar Part No. - HIP6301

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6301 INTERSIL-HIP6301 Datasheet
191Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
HIP6301CB INTERSIL-HIP6301CB Datasheet
191Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
HIP6301CB INTERSIL-HIP6301CB Datasheet
467Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
HIP6301CB-T INTERSIL-HIP6301CB-T Datasheet
191Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
HIP6301CB-T INTERSIL-HIP6301CB-T Datasheet
467Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
More results

Similar Description - HIP6301

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6301 INTERSIL-HIP6301 Datasheet
191Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
2000 03
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
August 2004
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com