Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH-R974 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LH-R974
Description  SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LH-R974 Datasheet(HTML) 1 Page - OSRAM GmbH

  LH-R974 Datasheet HTML 1Page - OSRAM GmbH LH-R974 Datasheet HTML 2Page - OSRAM GmbH LH-R974 Datasheet HTML 3Page - OSRAM GmbH LH-R974 Datasheet HTML 4Page - OSRAM GmbH LH-R974 Datasheet HTML 5Page - OSRAM GmbH LH-R974 Datasheet HTML 6Page - OSRAM GmbH LH-R974 Datasheet HTML 7Page - OSRAM GmbH LH-R974 Datasheet HTML 8Page - OSRAM GmbH LH-R974 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2012-11-06
1
2012-11-06
CHIPLED 0805
Datasheet
Version 1.0
LH R974
Features:
Besondere Merkmale:
• Package: SMT package 0805, colorless diffused
resin, 2 mm x 1.25 mm x 0.8 mm
• Gehäusetyp: SMT package 0805, farbloser
diffuser Verguss, 2 mm x 1.25 mm x 0.8 mm
• Technology: GaAlAs
• Technologie: GaAlAs
• Viewing angle at 50 % IV: 160°
• Abstrahlwinkel bei 50 % IV: 160°
• Color: hyper red (645 nm)
• Farbe: hyperrot (645 nm)
• ESD - withstand voltage: up to 2 kV acc. to
JESD22-A114-F
• ESD - Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-F
Applications
Anwendungen
• Optical Indicator
• Optischer Indikator
• LCD Backlighting
• LCD Beleuchtung
• Pushbuttons and Switches
• Schalter und Taster
• Toys
• Spielsachen


Similar Part No. - LH-R974

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LH-R974 AMSOSRAM-LH-R974 Datasheet
1Mb / 22P
Chip LED 0805
2022-10-14
More results

Similar Description - LH-R974

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSQ976-NR-1 OSRAM-LSQ976-NR-1 Datasheet
460Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-R976-NR-1 OSRAM-LS-R976-NR-1 Datasheet
404Kb / 20P
SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
LG-R971 OSRAM-LG-R971 Datasheet
394Kb / 20P
SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
LO-R976 OSRAM-LO-R976 Datasheet
404Kb / 20P
SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
LS-Q976 OSRAM-LS-Q976 Datasheet
517Kb / 19P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-R976 OSRAM-LS-R976 Datasheet
404Kb / 20P
SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
LG-Q971 OSRAM-LG-Q971 Datasheet
418Kb / 21P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LO-R971 OSRAM-LO-R971 Datasheet
472Kb / 19P
SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
LY-R971 OSRAM-LY-R971 Datasheet
202Kb / 20P
SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
LY-R976 OSRAM-LY-R976 Datasheet
410Kb / 20P
SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com