Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRTB-R98G Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LRTB-R98G
Description  black SMT package, higher contrast by a black surface (RGB-Displays) and diffused resin
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTB-R98G Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LRTB-R98G Datasheet HTML 8Page - OSRAM GmbH LRTB-R98G Datasheet HTML 9Page - OSRAM GmbH LRTB-R98G Datasheet HTML 10Page - OSRAM GmbH LRTB-R98G Datasheet HTML 11Page - OSRAM GmbH LRTB-R98G Datasheet HTML 12Page - OSRAM GmbH LRTB-R98G Datasheet HTML 13Page - OSRAM GmbH LRTB-R98G Datasheet HTML 14Page - OSRAM GmbH LRTB-R98G Datasheet HTML 15Page - OSRAM GmbH LRTB-R98G Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
LRTB R98G
2018-03-19
12
Relative Lichtstärke
1) 6) 7) Seite 25
Relative Luminous Intensity
1) 6) 7) page 25
I
V/IV(20 mA) = f (IF); TA = 25 °C; red
Relative Lichtstärke
1) 6) 7) Seite 25
Relative Luminous Intensity
1) 6) 7) page 25
I
V/IV(20 mA) = f (IF); TA = 25 °C; blue
Relative Lichtstärke
1) 6) 7) Seite 25
Relative Luminous Intensity
1) 6) 7) page 25
I
V/IV(20 mA) = f (IF); TA = 25 °C; true green
LRTB R98G
IF [mA]
0,03
0,04
0,05
0,1
0,2
0,3
0,4
0,5
1
2
IV
IV(20mA)
LRTB R98G
IF [mA]
0,1
0,2
0,3
0,4
0,5
1
2
IV
IV(20mA)
LRTB R98G
IF [mA]
0,1
0,2
0,3
0,4
0,5
1
2
IV
IV(20mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com