Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3740-00 Datasheet(PDF) 16 Page - Vicor Corporation

Part # PI3740-00
Description  8V ??60VIN , 10V ??50VOUT , 50 ??140W Cool-Power ZVS Buck-Boost Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3740-00 Datasheet(HTML) 16 Page - Vicor Corporation

Back Button PI3740-00 Datasheet HTML 12Page - Vicor Corporation PI3740-00 Datasheet HTML 13Page - Vicor Corporation PI3740-00 Datasheet HTML 14Page - Vicor Corporation PI3740-00 Datasheet HTML 15Page - Vicor Corporation PI3740-00 Datasheet HTML 16Page - Vicor Corporation PI3740-00 Datasheet HTML 17Page - Vicor Corporation PI3740-00 Datasheet HTML 18Page - Vicor Corporation PI3740-00 Datasheet HTML 19Page - Vicor Corporation PI3740-00 Datasheet HTML 20Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.9
Page 16 of 51
06/2018
PI3740-00
Figure 21 — Output voltage ripple at 24VIN to 28VOUT, 4.5A;
COUT = 8 x 10µF ceramic
Figure 23 — Output voltage ripple at 24VIN to 50VOUT, 2.50A;
COUT = 8 x 2.2µF ceramic
PI3740-00-LGIZ Performance Characteristics TPCB = 25°C (Cont.)
Figure 22 — Output voltage ripple at 24VIN to 36VOUT, 3.65A;
COUT = 8 x 10µF ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com