Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3740-00 Datasheet(PDF) 39 Page - Vicor Corporation

Part # PI3740-00
Description  8V ??60VIN , 10V ??50VOUT , 50 ??140W Cool-Power ZVS Buck-Boost Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3740-00 Datasheet(HTML) 39 Page - Vicor Corporation

Back Button PI3740-00 Datasheet HTML 35Page - Vicor Corporation PI3740-00 Datasheet HTML 36Page - Vicor Corporation PI3740-00 Datasheet HTML 37Page - Vicor Corporation PI3740-00 Datasheet HTML 38Page - Vicor Corporation PI3740-00 Datasheet HTML 39Page - Vicor Corporation PI3740-00 Datasheet HTML 40Page - Vicor Corporation PI3740-00 Datasheet HTML 41Page - Vicor Corporation PI3740-00 Datasheet HTML 42Page - Vicor Corporation PI3740-00 Datasheet HTML 43Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.9
Page 39 of 51
06/2018
PI3740-00
V
EAO (V)
I
OUT@VIN = 18V
I
OUT@VIN = 24V
I
OUT@VIN = 28V
G
MOD@VIN = 18V
G
MOD@VIN = 24V
G
MOD@VIN = 28V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
0
1
2
3
4
5
6
V
EAO (V)
I
OUT@VIN = 18V
I
OUT@VIN = 24V
I
OUT@VIN = 28V
r
EQ_OUT@VIN = 18V
r
EQ_OUT@VIN = 24V
r
EQ_OUT@VIN = 28V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
0
10
20
30
40
50
60
Figure 70 — GMOD vs output current vs. VEAO, VOUT = 12V;
18 – 28VIN
Figure 73 — rEQ_OUT vs. output current vs. VEAO, VOUT = 12V;
18 – 28VIN
Figure 69 — GMOD vs output current vs. VEAO, VOUT = 12V;
8 – 16VIN
Figure 72 — rEQ_OUT vs. output current vs. VEAO, VOUT = 12V;
8 – 16VIN
V
EAO (V)
I
OUT@VIN = 8V
I
OUT@VIN = 12V
I
OUT@VIN = 16V
G
MOD@VIN = 8V
G
MOD@VIN = 12V
G
MOD@VIN = 16V
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
V
EAO (V)
I
OUT@VIN = 8V
I
OUT@VIN = 12V
I
OUT@VIN = 16V
r
EQ_OUT@VIN = 8V
r
EQ_OUT@VIN = 12V
r
EQ_OUT@VIN = 16V
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
0
10
20
30
40
50
60
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
V
EAO (V)
I
OUT@VIN = 36V
I
OUT@VIN = 48V
I
OUT@VIN = 60V
G
MOD@VIN = 36V
G
MOD@VIN = 48V
G
MOD@VIN = 60V
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
0
1
2
3
4
5
6
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
V
EAO (V)
I
OUT@VIN = 36V
I
OUT@VIN = 48V
I
OUT@VIN = 60V
r
EQ_OUT@VIN = 36V
r
EQ_OUT@VIN = 48V
r
EQ_OUT@VIN = 60V
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
-10
0
10
20
30
40
50
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
Figure 71 — GMOD vs output current vs. VEAO, VOUT = 12V;
36 – 60VIN
Figure 74 — rEQ_OUT vs. output current vs. VEAO, VOUT = 12V;
36 – 60VIN
PI3740-00-LGIZ Modulator Gain / Output Resistance TPCB = 25°C (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com