Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP-MPFC1HS2 Datasheet(PDF) 1 Page - Vicor Corporation

Part # GP-MPFC1HS2
Description  AC Input Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

GP-MPFC1HS2 Datasheet(HTML) 1 Page - Vicor Corporation

  GP-MPFC1HS2 Datasheet HTML 1Page - Vicor Corporation GP-MPFC1HS2 Datasheet HTML 2Page - Vicor Corporation GP-MPFC1HS2 Datasheet HTML 3Page - Vicor Corporation GP-MPFC1HS2 Datasheet HTML 4Page - Vicor Corporation GP-MPFC1HS2 Datasheet HTML 5Page - Vicor Corporation GP-MPFC1HS2 Datasheet HTML 6Page - Vicor Corporation GP-MPFC1HS2 Datasheet HTML 7Page - Vicor Corporation GP-MPFC1HS2 Datasheet HTML 8Page - Vicor Corporation GP-MPFC1HS2 Datasheet HTML 9Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MIL-COTS PFC Front End
Rev 1.3
vicorpower.com
Page 1 of 9
01/2014
800 927.9474
Granite Power
Not Recommended for New Designs
Part Numbering
MIL-COTS PFC Front End
Parameter
Rating
Unit
Notes
L to N voltage
264
VRMS
Continuous
+Out to –Out voltage
385
Vdc
Mounting torque
4 – 6 (0.45 – 0.68)
in-lbs (N-m)
8 each 4-40 screw
Operating temperature
- 40 to +100
°C
H-Grade
Storage temperature
- 55 to +125
°C
H-Grade
Pin soldering temperature
500 (260)
°F (°C)
< 5 sec; wave solder
750 (390)
°F (°C)
< 7 sec; hand solder
Output current
4.0
Amps
Absolute max.
Baseplate temperature
100
°C
MOD Enable to -OUT voltage
30
Vdc
Features
• AC input: 102 – 264 V
• Wide input frequency range:
47 – 440 Hz
• Output power: Up to 1400 W
• Input transient protection
• Power factor corrected
• Rugged construction
Product Highlights
The MIL-COTS PFC Front End from
Granite Power Technologies can accept a
wide 102-264 Vac input range, frequencies
from 47 to 440 Hz and deliver up to 1400 W
of output power. The MIL-COTS PFC Front
End is compliant to select OV transients of
MIL-STD-704F as detailed herein. It also
complies, as noted herein, to the conducted
emissions and susceptibility portions of
MIL-STD-461 when used with the specified
external filter. The MIL-COTS PFC Front
End has a very low profile and robust brick
construction, compliant to many environments
in MIL-STD-810, including shock and vibration.
The MIL-COTS PFC Front End provides
customers with a highly reliable, easily
customizable, and low risk solution suitable
for defense and aerospace environments.
Granite Power Technologies, a division of
the Vicor Corporation, specializes in the design,
development, and manufacture of rapid response
custom switching power supplies and power
systems for the defense industry.
Absolute Maximum Ratings
Granite
Power
Product
MIL-COTS PFC
Output Power
1 = 1,400 W
Product Grade
Operating
Temperature
H = -40 to +100°C
Pin Style
1 = Short
2 = Long
S = Short Modumate
N = Long Modumate
Baseplate
1 = Slotted
2 = Threaded
3 = Through Hole
GP - MPFC
1
H
2
1
GP-MPFC1H21
MIL-COTS PFC Front End
AC Input Front End Module


Similar Part No. - GP-MPFC1HS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP-1000HD ETC2-GP-1000HD Datasheet
731Kb / 2P
Designed for high durability applications
GP-1000SF ETC2-GP-1000SF Datasheet
364Kb / 2P
No silicone outgassing
logo
ATGBICS by Approved Tec...
GP-10GSFP-1L-C ATGBICS-GP-10GSFP-1L-C Datasheet
366Kb / 10P
GP-10GSFP-1L Dell Force10 Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
GP-10GSFP-1S-C ATGBICS-GP-10GSFP-1S-C Datasheet
375Kb / 10P
GP-10GSFP-1S Dell Force10 Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
GP-10GSFP-T-C ATGBICS-GP-10GSFP-T-C Datasheet
222Kb / 6P
GP-10GSFP-T Dell Compatible Transceiver SFP 100/1000/10000Base T (Copper RJ45, 30m)
More results

Similar Description - GP-MPFC1HS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-AIM VICOR-VI-AIM Datasheet
51Kb / 2P
Universal AC Input Front End Module
VI-AIM-E1 VICOR-VI-AIM-E1 Datasheet
84Kb / 2P
VI-AIM (Universal AC Input Front End Module)
logo
Murata Manufacturing Co...
TPS_PF600 MURATA-TPS_PF600 Datasheet
379Kb / 4P
600W AC/DC Front-End Power Module
logo
Powerbox
EN1C21 POWERBOX-EN1C21 Datasheet
415Kb / 1P
AC INPUT MODULAR FRONT END SYSTEMS
logo
TriQuint Semiconductor
TQP887051 TRIQUINT-TQP887051_15 Datasheet
250Kb / 1P
802.11a/n/ac WLAN Front End Module
logo
RF Micro Devices
RFFM4591 RFMD-RFFM4591 Datasheet
574Kb / 8P
802.11a/n/ac FRONT END MODULE
logo
Skyworks Solutions Inc.
SKY85720-11 SKYWORKS-SKY85720-11 Datasheet
160Kb / 2P
5 GHz, 802.11n/ac Front-End Module
logo
Vicor Corporation
VI-AIM-E1 VICOR-VI-AIM-E1_17 Datasheet
164Kb / 4P
Universal AC Input Front End Module
MI-AIM VICOR-MI-AIM Datasheet
154Kb / 5P
AC Input Front End Module
logo
TDK Electronics
FPS1000-12 TDK-FPS1000-12 Datasheet
999Kb / 6P
AC/DC Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com