Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5521ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5521ACPZ-R7
Description  Low Noise Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5521ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADL5521
Data Sheet
Rev. C | Page 14 of 24
3500 MHZ, VPOS = 3 V
Matched for optimal noise figure, external matching circuit included.
15
–25
–20
–15
–10
–5
0
5
10
2800
2900
3000
3100
3200
3300
3400
3500
3700
3600
FREQUENCY (MHz)
S11
S21
S12
S22
Figure 45. Typical S-Parameters, Log Magnitude
20
18
16
0
2
4
6
8
12
14
10
34
14
16
18
20
22
24
26
28
30
32
3400 3420 3440 3460 3480 3500 3520 3540 3560 3580 3600
FREQUENCY (MHz)
GAIN
OIP3
P1dB
NOISE FIGURE
Figure 46. Noise Figure, Gain, OIP3, and P1dB vs. Frequency
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
3400
3600
3580
3560
3540
3520
3500
3480
3460
3440
3420
FREQUENCY (MHz)
–40°C
+85°C
+25°C
Figure 47. Noise Figure vs. Temperature
2.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
3400 3420 3440 3460 3480 3500 3520 3540 3560
3600
3580
FREQUENCY (MHz)
Figure 48. Noise Figure vs. Frequency at 25°C, Multiple Devices
13.0
12.5
12.0
11.5
11.0
10.5
10.0
9.5
9.0
8.5
8.0
35
33
31
29
27
25
23
21
19
17
15
3400 3420
3460 3480
3520
3560
3600
3440
3500
3540
3580
FREQUENCY (MHz)
–40°C
–40°C
+25°C
+85°C
–40°C
+85°C
+85°C
+25°C
+25°C
OIP3
GAIN
P1dB
Figure 49. Gain, OIP3, and P1dB vs. Temperature
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
–14 –12 –10 –8 –6 –4 –2
0246
8
10 12 14 16
POUT PER TONE (dBm)
–40°C
+85°C
+25°C
Figure 50. OIP3 vs. Output Power (POUT) and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com