Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5521ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5521ACPZ-R7
Description  Low Noise Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5521ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADL5521
Rev. C | Page 15 of 24
DC CHARACTERISTICS
75
70
65
60
55
50
45
40
35
30
25
20
–40 –30 –20 –10
0
10
20304050
60
708090
TEMPERATURE (°C)
VPOS = 5V
VPOS = 3V
Figure 51. Supply Current vs. Temperature, 3 V and 5 V
200
0
20
40
60
80
100
120
140
160
180
–6 –4 –2
0
2
4
6
8
10 12 14 16 18 20 22
POUT (dBm)
5V, +25°C
5V, –40°C
5V, +85°C
3V, +25°C
3V, –40°C
3V, +85°C
Figure 52. Supply Current vs. POUT and Temperature, 3 V and 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com