Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC376LP3 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC376LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC376LP3 Datasheet(HTML) 3 Page - Analog Devices

  HMC376LP3 Datasheet HTML 1Page - Analog Devices HMC376LP3 Datasheet HTML 2Page - Analog Devices HMC376LP3 Datasheet HTML 3Page - Analog Devices HMC376LP3 Datasheet HTML 4Page - Analog Devices HMC376LP3 Datasheet HTML 5Page - Analog Devices HMC376LP3 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 3
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 700 - 1000 MHz
HMC376LP3 / 376LP3E
v01.0610
P1dB vs. Temperature @ Idd = 73 mA
Psat vs. Temperature @ Idd = 73 mA
Output IP3 vs. Temperature @ Idd = 73 mA
15
17
19
21
23
25
0.7
0.75
0.8
0.85
0.9
0.95
1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
30
32
34
36
38
40
0.7
0.75
0.8
0.85
0.9
0.95
1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
15
17
19
21
23
25
0.7
0.75
0.8
0.85
0.9
0.95
1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Gain, Noise Figure &
Power vs. Supply Current @ 900 MHz
12
14
16
18
20
22
24
0.4
0.6
0.8
1
60
70
80
90
100
110
120
GAIN
P1dB
Noise figure
SUPPLY CURRENT (mA)
Typical Supply Current vs. Vdd
with Rbias = 10 Ohms
Vdd (Vdc)
Idd (mA)
+4.5
73.0
+5.0
73.4
+5.5
73.6
Drain Bias Voltage (Vdd)
+8.0 Vdc
RF Input Power (RFIN)(Vs = +5.0 Vdc)
+15 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 11.83 mW/°C above 85 °C)
0.769 W
Thermal Resistance
(channel to ground paddle)
84.5 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Absolute Maximum Ratings
Idd (mA)
Rbias (Ohms)
60
12
70
10
80
9.1
100
6.8
120
5.1
Recommended Bias Resistor Values
for Various Idd
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com