Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC376LP3 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC376LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC376LP3 Datasheet(HTML) 1 Page - Analog Devices

  HMC376LP3 Datasheet HTML 1Page - Analog Devices HMC376LP3 Datasheet HTML 2Page - Analog Devices HMC376LP3 Datasheet HTML 3Page - Analog Devices HMC376LP3 Datasheet HTML 4Page - Analog Devices HMC376LP3 Datasheet HTML 5Page - Analog Devices HMC376LP3 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 1
HMC376LP3 / 376LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 700 - 1000 MHz
v01.0610
General Description
Features
Functional Diagram
The HMC376LP3 & HMC376LP3E are GaAs PHEMT
MMIC Low Noise Amplifiers that are ideal for GSM
& CDMA cellular basestation front-end receivers
operating between 700 and 1000 MHz. The amplifier
has been optimized to provide 0.7 dB noise figure,
15 dB gain and +36 dBm output IP3 from a single
supply of +5V. The HMC376LP3(E) feature an
externally adjustable supply current which allows the
designer to tailor the linearity performance of the LNA
for each application. For applications which require
improved noise figure, please see the HMC617LP3(E).
Noise Figure: 0.7 dB
Output IP3: +36 dBm
Gain: 15 dB
Externally Adjustable Supply Current
Single Positive Supply: +5V
50 Ohm Matched Input/Output
Electrical Specifications, T
A = +25° C, Vdd = +5V, Rbias = 10 Ohms*
Typical Applications
The HMC376LP3 / HMC376LP3E is ideal for:
• Cellular/3G Infrastructure
• Base Stations & Repeaters
• CDMA, W-CDMA, & TD-SCDMA
• Private Land Mobile Radio
• GSM/GPRS & EDGE
• UHF Reallocation Applications
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
810 - 960
700 - 1000
MHz
Gain
12.5
14.5
11.5
14.5
dB
Gain Variation Over Temperature
0.005
0.01
0.005
0.01
dB / °C
Noise Figure
0.7
1.0
0.7
1.0
dB
Input Return Loss
13
14
dB
Output Return Loss
12
12
dB
Reverse Isolation
20
22
dB
Output Power for 1dB Compression (P1dB)
21.5
21
dBm
Saturated Output Power (Psat)
22
22
dBm
Output Third Order Intercept (IP3)
(-20 dBm Input Power per tone, 1 MHz tone spacing)
36
36
dBm
Supply Current (Idd)
73
73
mA
*Rbias resistor value sets current, see application circuit herein.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC376LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC376LP3 HITTITE-HMC376LP3 Datasheet
278Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC376LP3 HITTITE-HMC376LP3 Datasheet
207Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC376LP3 HITTITE-HMC376LP3 Datasheet
207Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC376LP3 HITTITE-HMC376LP3 Datasheet
207Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC376LP3E HITTITE-HMC376LP3E Datasheet
278Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
More results

Similar Description - HMC376LP3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC594LC3B AD-HMC594LC3B Datasheet
356Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460LC5 AD-HMC460LC5 Datasheet
1Mb / 7P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER,
HMC462 AD-HMC462 Datasheet
443Kb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC566LP4E AD-HMC566LP4E Datasheet
412Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com