Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1401 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSA1401
Description  14-BIT, 20MSPS, 85mW A/D CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1401 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSA1401 Datasheet HTML 5Page - STMicroelectronics TSA1401 Datasheet HTML 6Page - STMicroelectronics TSA1401 Datasheet HTML 7Page - STMicroelectronics TSA1401 Datasheet HTML 8Page - STMicroelectronics TSA1401 Datasheet HTML 9Page - STMicroelectronics TSA1401 Datasheet HTML 10Page - STMicroelectronics TSA1401 Datasheet HTML 11Page - STMicroelectronics TSA1401 Datasheet HTML 12Page - STMicroelectronics TSA1401 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TYPICAL PERFORMANCE CHARACTERISTICS
TSA1401
9/19
4
TYPICAL PERFORMANCE CHARACTERISTICS
Fig. 1: Linearity vs. Fin, Internal References
Fs=20MHz; Icca=40mA
Fig. 2: Distortion vs. Fin, Internal References
Fs=20MHz; Icca=40mA; Internal references
Fig. 3: 2nd. and 3rd. harmonic vs. Fin, Internal
References, Fs=20MHz; Icca=40mA
Fig. 4: Linearity vs. Fin, External References
(REFP=1V) Fs=20MHz; Icca=28mA
Fig. 5: Distortion vs. Fin, External References
(RefP=1V) Fs=20MHz; Icca=28mA
Fig. 6: 2nd. and 3rd. harmonic vs. Fin, External
References (REFP=1V) Fs=20MHz;
Icca=28mA
65
68
71
74
77
80
0
5
10
15
20
25
30
Fin (Mhz)
11
11.1
11.2
11.3
11.4
11.5
11.6
11.7
11.8
11.9
12
SINAD
SNR
ENOB
-100
-95
-90
-85
-80
-75
-70
0
5
10
15
20
25
30
Fin (Mhz)
THD
SFDR
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
0
5
10
15
20
25
30
Fin (Mhz)
H2
H3
65
68
71
74
77
80
5
1015202530
Fin (Mhz)
11
11.2
11.4
11.6
11.8
12
ENOB
SINAD
SNR
-100
-95
-90
-85
-80
-75
-70
5
10
1520
2530
Fin (Mhz)
THD
SFDR
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
5
1015
2025
30
Fin(Mhz)
H3
H2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com