Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1401 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSA1401
Description  14-BIT, 20MSPS, 85mW A/D CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1401 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSA1401 Datasheet HTML 9Page - STMicroelectronics TSA1401 Datasheet HTML 10Page - STMicroelectronics TSA1401 Datasheet HTML 11Page - STMicroelectronics TSA1401 Datasheet HTML 12Page - STMicroelectronics TSA1401 Datasheet HTML 13Page - STMicroelectronics TSA1401 Datasheet HTML 14Page - STMicroelectronics TSA1401 Datasheet HTML 15Page - STMicroelectronics TSA1401 Datasheet HTML 16Page - STMicroelectronics TSA1401 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
APPLICATION INFORMATION
TSA1401
13/19
Fig. 11: Distortion vs. VREFP
Fin=5MHz;Fs=20Mhz;Icca=26mA;INCM=0.46V
An external reference voltage device may be used
for specific applications requiring even better
linearity, accuracy or enhanced temperature
behavior.
Using the STMicroelectronics TS821, TS4041-1.2
or TS431 Voltage Reference devices leads to
optimum
performances
when
configured
as
shown in
Figure 12. The full scale is increased to
2.5Vpp differential and SNR and SINAD are
enhanced as shown in
Figure 13 .
Fig. 12: External reference setting
In multi-channel applications, the high impedance
input of the references permits to drive several
ADCs with only one Voltage Reference device.
Fig. 13: Linearity vs. Fs at Fin=5MHz, using
TS4041 Icca optimised; VREFP=1.225V;
VREFM=GND; INCM=0.65V,
Fig. 14: Distortion vs. Fs at Fin=5MHz, using
TS4041 Icca optimised; VREFP=1.225V;
VREFM=GND; INCM=0.65V
The magnitude of the analog input common
mode, CM should stay close to VREFP/2. Higher
level will introduce more distortion.
5.1.2 - Driving the analog input
The
TSA1401
has
been
designed
to
be
differentially driven for better noise immunity.
Some measurements have been done with
single-ended signals. It degrades a little bit the
performances, with an SFDR of -75dBc and an
ENOB of 11.2 bits at 20Msps, Fin at 10MHz.
The switch-capacitor input structure of TSA1401,
presents a high input impedance (3.3k
Ω at
Fs=20MHz)
but
not
constant
in
time
(see
equivalent input circuit
Figure 15). Indeed at the
end of each conversion, the charge update of the
-100
-95
-90
-85
-80
-75
-70
0.8
0.9
1
1.1
1.2
1.3
1.4
REFP (V)
THD
SFDR
1k
Ω
TSA1401
VIN
VINB
VREFM
VREFP
external
reference
AVCC
330pF
4.7µF
10nF
TS821
TS4041
REFMODE
100
Ω
65
68
71
74
77
80
3579
11
13
15
17
19
21
Fs (Mhz)
11.1
11.2
11.3
11.4
11.5
11.6
11.7
11.8
11.9
12
12.1
ENOB
SINAD
SNR
-100
-95
-90
-85
-80
-75
-70
3579
11
13
15
17
19
21
Fs (Mhz)
THD
SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com