Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1401IFT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSA1401IFT
Description  14-BIT, 20MSPS, 85mW A/D CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1401IFT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSA1401IFT Datasheet HTML 7Page - STMicroelectronics TSA1401IFT Datasheet HTML 8Page - STMicroelectronics TSA1401IFT Datasheet HTML 9Page - STMicroelectronics TSA1401IFT Datasheet HTML 10Page - STMicroelectronics TSA1401IFT Datasheet HTML 11Page - STMicroelectronics TSA1401IFT Datasheet HTML 12Page - STMicroelectronics TSA1401IFT Datasheet HTML 13Page - STMicroelectronics TSA1401IFT Datasheet HTML 14Page - STMicroelectronics TSA1401IFT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TYPICAL PERFORMANCE CHARACTERISTICS
TSA1401
11/19
Static parameter: Differential Non Linearity
Fs=20MSPS; Fin=1MHz; Icc=40mA;N=524288pts
Static parameter: Integral Non Linearity
Fs=20MSPS; Fin=1MHz; Icc=40mA; N=524288pts
-0 . 8
-0 . 6
-0 . 4
-0 . 2
0
0. 2
0. 4
0. 6
0. 8
1
1. 2
-2 . 5
-2
-1 . 5
-1
-0 . 5
0
0. 5
1
1. 5
2
2. 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com