Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1401IFT Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSA1401IFT
Description  14-BIT, 20MSPS, 85mW A/D CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1401IFT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSA1401IFT Datasheet HTML 10Page - STMicroelectronics TSA1401IFT Datasheet HTML 11Page - STMicroelectronics TSA1401IFT Datasheet HTML 12Page - STMicroelectronics TSA1401IFT Datasheet HTML 13Page - STMicroelectronics TSA1401IFT Datasheet HTML 14Page - STMicroelectronics TSA1401IFT Datasheet HTML 15Page - STMicroelectronics TSA1401IFT Datasheet HTML 16Page - STMicroelectronics TSA1401IFT Datasheet HTML 17Page - STMicroelectronics TSA1401IFT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
TSA1401
APPLICATION INFORMATION
14/19
sampling capacitor will draw/inject a small current
transient on the input signal.
One method to mask this transient current is a
low-pass RC filter as shown on
Figures 16 and
Figure 17. A larger capacitor value compared to
the
sampling
capacitor
(appoximately
2pF)
mounted in parallel of the two analog inputs
signals will absorb the transient glitches.
Fig. 15: ADC input equivalent circuit
Single-ended signal with transformer:
Using an RF transformer is a good means to
achieve high performance.
Figures 16 describes the schematics. The input
signal is fed to the primary of the transformer,
while the secondary drives both ADC inputs.
Fig. 16: Differential input configuration with
transformer
The internal common mode voltage of the ADC
(INCM) is connected to the center-tap of the
secondary of the transformer in order to bias the
input
signal
around
this
common
voltage,
internally set to 0.46V. The INCM is decoupled to
maintain a low noise level on this node.
AC coupled differential input:
Figure 17 represents the biasing of a differential
input signal in AC-coupled differential input
configuration. Both inputs VIN and VINB are
centered around the common mode voltage CM,
that can be forced through INCM or supplied
externally (in this case the internal common mode
of the TSA1401 may be left internal at 0.45V,
different from the input common mode value).
Fig. 17: AC-coupled differential input
5.2 - Clock management
The converter performances are very dependant
on clock input accuracy, in terms of aperture delay
and jitter. The voltage error induced by the jitter of
the clock is:
Verror=SR.Tj,
where Tj is the jitter of the clock (system clock and
ADC) and,
SR is the slew rate of the input signal:
SR max=2
Π.F
in.FS (FS full scale, Fin input signal
frequency)
Verror should be less than an LSB to guarantee no
missing codes. At the end we have:
Verror=2Π.Fin.FS.Tj and Verror< FS/2
n
Tj <FS/(2Π.Fs.Fin.2
n).
For TSA1401 at 10MHz input frequency, we have
Tj <1ps. Consequently to target the maximum
performances of the TSA1401, the clock applied
should have a jitter below 1ps.
The clock power supplies must be separated from
the ADC output ones to avoid digital noise
modulation at the output.
It is strongly advised not to switch off the clock
when the circuit is active (power supply on).
Zin=1/(2ΠCs.Fs)=3.3kΩ (Fs=20MHz)
Cin=4pF
VIN
AVcc
AGND
INCM
TSA1401
VIN
VINB
INCM
50
Ω
100pF
330pF
4.7µF
10nF
Analog source
1:1
ADT1-1
50
Ω
10nF
TSA1401
VIN
VINB
INCM
33pF
100k
Ω
100k
Ω
50
Ω
10nF
common
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com