Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-336K Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LS-336K
Description  colored, diffused 3 mm (T1) package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-336K Datasheet(HTML) 3 Page - OSRAM GmbH

  LS-336K Datasheet HTML 1Page - OSRAM GmbH LS-336K Datasheet HTML 2Page - OSRAM GmbH LS-336K Datasheet HTML 3Page - OSRAM GmbH LS-336K Datasheet HTML 4Page - OSRAM GmbH LS-336K Datasheet HTML 5Page - OSRAM GmbH LS-336K Datasheet HTML 6Page - OSRAM GmbH LS-336K Datasheet HTML 7Page - OSRAM GmbH LS-336K Datasheet HTML 8Page - OSRAM GmbH LS-336K Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LS 336K, LY 336K
2005-04-20
3
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebstemperatur
Operating temperature range
T
op
– 55 … + 100
°C
Lagertemperatur
Storage temperature range
T
stg
– 55 … + 100
°C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
°C
Durchlassstrom
Forward current
(
T
A=25°C)
I
F
20
mA
Stoßstrom
Surge current
t
10 µs, D = 0.005, T
A=25°C
I
FM
100
mA
Sperrspannung
3)
Seite 12
Reverse voltage
3)
page 12
(
T
A=25°C)
V
R
12
V
Leistungsaufnahme
Power consumption
(
T
A=25°C)
P
tot
40
mW
Wärmewiderstand
4)
Seite 12
Thermal resistance
4)
page 12
Sperrschicht/Umgebung
5)
Seite 12
Junction/ambient
5)
page 12
Sperrschicht/Lötpad
Junction/solder point
R
th JA
R
th JS
450
230
K/W
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com