Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-336K Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LS-336K
Description  colored, diffused 3 mm (T1) package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-336K Datasheet(HTML) 1 Page - OSRAM GmbH

  LS-336K Datasheet HTML 1Page - OSRAM GmbH LS-336K Datasheet HTML 2Page - OSRAM GmbH LS-336K Datasheet HTML 3Page - OSRAM GmbH LS-336K Datasheet HTML 4Page - OSRAM GmbH LS-336K Datasheet HTML 5Page - OSRAM GmbH LS-336K Datasheet HTML 6Page - OSRAM GmbH LS-336K Datasheet HTML 7Page - OSRAM GmbH LS-336K Datasheet HTML 8Page - OSRAM GmbH LS-336K Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LS 336K, LY 336K
Hyper 3 mm (T1) LED, Diffused
Hyper-Bright Low Current LED
Lead (Pb) Free Product - RoHS Compliant
Vorläufige Daten für OS-PCN-2004-005-A /
Preliminary Data for OS-PCN-2004-005-A
2005-04-20
1
Besondere Merkmale
• Gehäusetyp: eingefärbtes, diffuses
3 mm (T1) Gehäuse
• Besonderheit des Bauteils: hohe Lichtstärke
bei kleinen Strömen; Lötspieße mit
Aufsetzebene
• Wellenlänge: 630 nm (super-rot),
587 nm (gelb)
• Abstrahlwinkel: 60°
• Technologie: InGaAlP
•
optischer Wirkungsgrad: 6 lm/W (gelb)
5 lm/W (super-rot)
• Gruppierungsparameter: Lichtstärke,
Wellenlänge
• Lötmethode: Wellenlöten (TTW)
•
Verpackung: Schüttgut, gegurtet lieferbar
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-B
Anwendungen
• optischer Indikator
• Hinterleuchtung (LCD, Schalter, Tasten,
Displays, Werbebeleuchtung,
Allgemeinbeleuchtung)
• Innenbeleuchtung im Automobilbereich
(z.B. Instrumentenbeleuchtung, u.ä.)
Features
• package: colored, diffused 3 mm (T1) package
• feature of the device: high luminous intensity
at low currents; solder leads with stand-off
• wavelength: 630 nm (super-red),
587 nm (yellow)
• viewing angle: 60°
• technology: InGaAlP
• optical efficiency: 6 lm/W (yellow)
5 lm/W (super-red)
• grouping parameter: luminous intensity,
wavelength
• soldering methods: TTW soldering
•
packing: bulk, available taped on reel
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-B
Applications
• optical indicators
• backlighting (LCD, switches, keys, displays,
illuminated advertising, general lighting)
• interior automotive lighting (e.g. dashboard
backlighting, etc.)


Similar Part No. - LS-336K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-3366 OSRAM-LS-3366 Datasheet
324Kb / 12P
colored, diffused 3 mm (T1) package
More results

Similar Description - LS-336K

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
3 mm (T1) LED, Non Diffused
LSG3351 SIEMENS-LSG3351 Datasheet
332Kb / 7P
3 mm (T1) MULTILED, Diffused
logo
OSRAM GmbH
LS336K OSRAM-LS336K Datasheet
349Kb / 12P
colored, diffused 3 mm (T1) package
LS3366 OSRAM-LS3366 Datasheet
324Kb / 12P
colored, diffused 3 mm (T1) package
LS3386 OSRAM-LS3386 Datasheet
219Kb / 12P
colored, diffused 3 mm (T1) package
LB-3333 OSRAM-LB-3333 Datasheet
471Kb / 13P
colorless, micro diffused 3 mm (T1) package
LS-3366 OSRAM-LS-3366 Datasheet
324Kb / 12P
colored, diffused 3 mm (T1) package
LS-3336 OSRAM-LS-3336 Datasheet
487Kb / 12P
colorless, micro diffused 3 mm (T1) package
LS-3386 OSRAM-LS-3386 Datasheet
219Kb / 12P
colored, diffused 3 mm (T1) package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com