Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-3336 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LS-3336
Description  colorless, micro diffused 3 mm (T1) package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-3336 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LS-3336 Datasheet HTML 4Page - OSRAM GmbH LS-3336 Datasheet HTML 5Page - OSRAM GmbH LS-3336 Datasheet HTML 6Page - OSRAM GmbH LS-3336 Datasheet HTML 7Page - OSRAM GmbH LS-3336 Datasheet HTML 8Page - OSRAM GmbH LS-3336 Datasheet HTML 9Page - OSRAM GmbH LS-3336 Datasheet HTML 10Page - OSRAM GmbH LS-3336 Datasheet HTML 11Page - OSRAM GmbH LS-3336 Datasheet HTML 12Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LS 3336, LO 3336, LY 3336
2007-03-01
11
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
10) page 12 may only be used in life-support devices or systems 11) page 12 with the express written approval of
OSRAM OS
Revision History: 2007-03-01
Previous Version:
2007-01-31
Page
Subjects (changes since last revision)
Date of change
4
min./max. values for dominant wavelength
2004-11-04
all
OS-PCN-2007-003-A
2007-01-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com