Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSG-T67K Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LSG-T67K
Description  white PLCC-4 package, colorless clear resin
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSG-T67K Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LSG-T67K Datasheet HTML 6Page - OSRAM GmbH LSG-T67K Datasheet HTML 7Page - OSRAM GmbH LSG-T67K Datasheet HTML 8Page - OSRAM GmbH LSG-T67K Datasheet HTML 9Page - OSRAM GmbH LSG-T67K Datasheet HTML 10Page - OSRAM GmbH LSG-T67K Datasheet HTML 11Page - OSRAM GmbH LSG-T67K Datasheet HTML 12Page - OSRAM GmbH LSG-T67K Datasheet HTML 13Page - OSRAM GmbH LSG-T67K Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
2016-10-04
10
LSG T67K
Maßzeichnung
8) Seite 18
Package Outlines
8) page 18
Gewicht / Approx. weight:
35 mg
Korrosionsfestigkeit besser als EN 60068-2-60 (method 4):
mit erweitertem Korrosionstest: 40°C / 90%rh / 15pp m H
2S / 336h
Corrosion robustness better than EN 60068-2-60 (method 4):
with enhanced corrosion test: 40°C / 90%rh / 15ppm H
2S / 336h
L
S
G
T67K
LED
Emission color 1
Emission color 2
Package
die 1
die 2
cathode C1: pin 1 cathode C2: pin 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com