Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6521 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL6521
Description  PWM Buck DC-DC and Triple Linear Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6521 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL6521 Datasheet HTML 1Page - Renesas Technology Corp ISL6521 Datasheet HTML 2Page - Renesas Technology Corp ISL6521 Datasheet HTML 3Page - Renesas Technology Corp ISL6521 Datasheet HTML 4Page - Renesas Technology Corp ISL6521 Datasheet HTML 5Page - Renesas Technology Corp ISL6521 Datasheet HTML 6Page - Renesas Technology Corp ISL6521 Datasheet HTML 7Page - Renesas Technology Corp ISL6521 Datasheet HTML 8Page - Renesas Technology Corp ISL6521 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ISL6521
FN9148 Rev 2.00
Page 3 of 14
Feb 8, 2005
Typical Applications
High Output Current PWM Converter With Simple Triple Linears Regulators
GND
VCC
+5V
VOUT1
PGND
LGATE
UGATE
OCSET
PHASE
Q1
Q2
FB
COMP
1.5V
DRIVE2
FB2
COUT2
CIN
COUT1
LOUT1
ISL6521
VOUT2
2.5V
LIN
CBOOT
BOOT
Rs1
Rs2
Rp1
Rp2
CR1
+
+
120mA
DRIVE3
FB3
COUT3
VOUT3
1.8V
Rs3
Rp3
+
120mA
DRIVE4
FB4
COUT4
VOUT4
3.3V
Rs4
Rp4
+
120mA
+
High Output Current PWM Converter and Auxiliary 3.3V Linear Regulator
GND
VCC
+5V
VOUT1
PGND
LGATE
UGATE
OCSET
PHASE
Q1
Q2
FB
COMP
1.5V
DRIVE2
FB2
COUT2
CIN
COUT1
LOUT1
ISL6521
VOUT2
2.5V
LIN
CBOOT
BOOT
Rs1
Rs2
Rp1
Rp2
CR1
+
+
120mA
DRIVE3
FB3
COUT3
VOUT3
1.8V
Rs3
Rp3
+
120mA
DRIVE4
FB4
COUT4
VOUT4
3.3V
Rs4
Rp4
+
3A
+
Q3
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com