Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6521 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6521
Description  PWM Buck DC-DC and Triple Linear Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6521 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6521 Datasheet HTML 6Page - Renesas Technology Corp ISL6521 Datasheet HTML 7Page - Renesas Technology Corp ISL6521 Datasheet HTML 8Page - Renesas Technology Corp ISL6521 Datasheet HTML 9Page - Renesas Technology Corp ISL6521 Datasheet HTML 10Page - Renesas Technology Corp ISL6521 Datasheet HTML 11Page - Renesas Technology Corp ISL6521 Datasheet HTML 12Page - Renesas Technology Corp ISL6521 Datasheet HTML 13Page - Renesas Technology Corp ISL6521 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
FN9148 Rev 2.00
Page 13 of 14
Feb 8, 2005
ISL6521
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2004-2005. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Component Selection Table
ICC_INT
LOUT
Q1
Q2
Q3
C1
C4
5A
7.5
H
Pulse P1172.103
IRF7910
IRF7910
FZT649
(1A or less)
1 x 1000
F
10MBZ1000M 10x12.5
1 x 1200
F
6.3MBZ1200M 8x16
10A
4.8
H
Sumida CDEP134
IRF7460
IRF7476
2SD1802
(3A or less)
2 x 1000
F
10MBZ1000M 10x12.5
2 x 1800
F
6.3MBZ1800M 10x16
15A
1.6
H
Sumida CDEP134
IRF7821
IRF7832
2SD1802
(3A or less)
2 x 1800
F
10MBZ1800M 10x20
2 x 3300
F
6.3MBZ3300M 10x23
20A
0.5
H
Pulse PG0006.601
2 x
IRF7821
2 x
IRF7832
2SD1802
(3A or less)
3 x 1500
F
10MBZ1500M 10x16
3 x 3300
F
6.3MBZ3300M10x23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com