Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7940W Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC7940W
Description  SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7940W Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC7940W Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7940
SONET/SDH 3.125Gb/s
Laser Diode Driver with Automatic Power Control
Page 4
G52357-0, Rev 3.2
05/11/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Bare Die Pad Descriptions
Figure 1: Pad Assignments
VSC7940
Pad 8
CLK-
Pad 7
CLK+
Pad 6
VCC1
Pad 5
GND1
Pad 4
VCC1
Pad 3
DATA-
Pad 2
DATA+
Pad 1
VCC1
(Pin 1)
(Pin 2)
(Pin 3)
(Pin 4)
(Pin 6)
(Pin 7)
(Pin 8)
(Pin 9)
(Pin 10)
(Pin 11)
(Pin 12)
(Pin 13)
(Pin 15)
(Pin 14)
(Pin 16)
(Pin 17)
(Pin 32)
(Pin 31)
(Pin 30)
(Pin 29)
(Pin 28)
(Pin 26)
(Pin 27)
(Pin 25)
(Pin 5)
(Pin 18)
(Pin 19)
(Pin 20)
(Pin 21)
(Pin 22)
(Pin 23)
(Pin 24)
Pad 48
GND1
Pad 47
GND2
Pad 46
VCC2
Pad 45
BIASMAX
20
µm
(0.0008")
2233
µm
(0.0879")
1773
µm (0.0698")
75
µm
(0.0030")
Pad 44
MODSET
Pad 43
GND2
Pad 42
APCSET
Pad 41
RESERVED
Pad 40
GND2
Pad 39
PB_GND
Pad 38
GND3
Pad 37
PB_GND
Pad 36
CAPC
Pad 35
VCC3
Pad 34
GND3
Pad 10
GND1
Pad 11
LATCH
Pad 12
ENABLE
Pad 13
DISABLE
Pad 14
GND1
Pad 15
BIASMON
Pad 16
MODMON
Pad 17
FAIL
Pad 18
GND4
Pad 19
PB_GND
Pad 20
APCFILT
Pad 21
GND4
Pad 22
VCC4
Pad 23
BIAS
Pad 9
VCC1
Pad 25
VCC4
Pad 26
DB_OUT+
Pad 27
OUT+
Pad 28
OUT-
Pad 29
DB_OUT-
Pad 30
VCC4
Pad 31
GND4
Pad 32
GND3
Pad 33
MD
Pad 24
PB_GND1
Die Size:
1773
µm x 2233µm (0.0698" x 0.0879")
Die Thickness:
625
µm (0.0246")
Pad Pitch:
115
µm (0.0045")
Pad to Pad Clearance:
20
µm (0.0008")
Pad Passivation Opening: 95
µm x 95µm (0.0037" x 0.0037")
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com