Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7940W Datasheet(PDF) 12 Page - Vitesse Semiconductor Corporation

Part # VSC7940W
Description  SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7940W Datasheet(HTML) 12 Page - Vitesse Semiconductor Corporation

Back Button VSC7940W Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 16Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7940
SONET/SDH 3.125Gb/s
Laser Diode Driver with Automatic Power Control
Page 12
G52357-0, Rev 3.2
05/11/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Applications Information
The following is a typical design example for the VSC7940 assuming 5V operation with APC.
Select a Laser
The Table 8 provides specifications for a typical communication-grade laser capable of operating at
2.5Gb/s.
Table 6: Typical Laser Characteristics
Select Resistor for APCSET
The monitor diode current is estimated by IMD = PAVE * ρMON = 6mW * 0.04mA/mW = 0.24mA. The IMD
vs. RAPCSET in Typical Operating Characteristics shows the resistor at APCSET should be 5kΩ.
Select Resistor for MODSET
To ensure some minimum extinction ratio over temperature and lifetime, assume an optimal extinction ratio
of 20 (13dB) at 25
°C. The modulation current may be calculated from the following equation:
IMOD = Pp-p / η= 2 * PAVE * (re-1) / (re+1) / η = 2 * 6mA * (20-1) / (20 + 1) / 0.4 = 27.1mA
The graph of IMODSET vs. RMODSET in Typical Operating Characteristics shows the resistor for MODSET
should be 8.5k
Ω.
Select Resistor for BIASMAX
The maximum threshold current at +85°C and end of life must be determined. A graph of a typical laser’s
Ith versus TC reveals a maximum threshold current of 30mA at 85°C. Therefore, the maximum bias can be
approximated by:
IBIASMAX = ITH-MAX + IMOD / 2 = 30mA + 27.1mA / 2 = 43.6mA
The graph of IBIASMAX vs. RBIASMAX in Typical Operating Characteristics shows the resistor for BIASMAX
should be 5k
Ω.
Symbol
Parameter
Value
Units
λ
Wavelength
1310
nm
PAVE
Average Optical Output Power
6
mW
Ith
Threshold Current
6
mA
ρ
MON
Laser to Monitor Transfer
0.04
mA/mW
η
Laser Slope Efficiency
0.4
mW/mA
TC
Operating Temperature Range
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com