Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-CEUP.CE Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LUW-CEUP.CE
Description  Ceramic package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-CEUP.CE Datasheet(HTML) 1 Page - OSRAM GmbH

  LUW-CEUP.CE Datasheet HTML 1Page - OSRAM GmbH LUW-CEUP.CE Datasheet HTML 2Page - OSRAM GmbH LUW-CEUP.CE Datasheet HTML 3Page - OSRAM GmbH LUW-CEUP.CE Datasheet HTML 4Page - OSRAM GmbH LUW-CEUP.CE Datasheet HTML 5Page - OSRAM GmbH LUW-CEUP.CE Datasheet HTML 6Page - OSRAM GmbH LUW-CEUP.CE Datasheet HTML 7Page - OSRAM GmbH LUW-CEUP.CE Datasheet HTML 8Page - OSRAM GmbH LUW-CEUP.CE Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2017-07-21
1
2017-07-21
OSLON Compact CL
Datasheet
Version 1.3
LUW CEUP.CE
Compact light source with a typical luminous flux of
200 lm at 700 mA and an operation range of 50 mA up
to 1500 mA
Kompakte Lichtquelle mit einem typischen Lichtstrom
von 200 lm bei 700 mA und einer Betriebsweite
zwischen 50 mA und 1500 mA
Features:
Besondere Merkmale:
Package: Ceramic package
Gehäusetyp: Keramikgehäuse
Technology: ThinGaN (UX:3)
Technologie: ThinGaN (UX:3)
Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
Color: acc. to white area ECE/SAE
Farbe: gemäß Weißfeld ECE/SAE
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Qualifications: The product qualification test plan
is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade
Discrete Semiconductors.
Qualifikationen: Die Produktqualifikation wurde
entsprechend der Richtlinie AEC-Q101-REV-C,
„Stress Test Qualification for Automotive Grade
Discrete Semiconductors“, getestet.
Applications
Anwendungen
AFS Headlamp Systems
AFS Scheinwerferanwendungen
Day time running light
Tagfahrlicht
Lowbeam
Abblendlicht
Highbeam
Fernlicht


Similar Part No. - LUW-CEUP.CE

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUW-CEUN.CE OSRAM-LUW-CEUN.CE Datasheet
764Kb / 23P
Ceramic package
More results

Similar Description - LUW-CEUP.CE

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWCEUN.CE-7K6L-HNJN-1 OSRAM-LUWCEUN.CE-7K6L-HNJN-1 Datasheet
764Kb / 23P
Ceramic package
LUWCEUP.CE-5M8M-HNJN-1 OSRAM-LUWCEUP.CE-5M8M-HNJN-1 Datasheet
776Kb / 23P
Ceramic package
LUWCEUP.HD-7M6N-U1U3-8E8G OSRAM-LUWCEUP.HD-7M6N-U1U3-8E8G Datasheet
767Kb / 23P
Ceramic package
CUWCFUP OSRAM-CUWCFUP Datasheet
1Mb / 22P
Ceramic package
CUW-CFUP OSRAM-CUW-CFUP Datasheet
1Mb / 22P
Ceramic package
KW-CSLPM2.PC OSRAM-KW-CSLPM2.PC Datasheet
836Kb / 25P
Ceramic package
LUW-CEUN.CE OSRAM-LUW-CEUN.CE Datasheet
764Kb / 23P
Ceramic package
logo
Luna Innovations Incorp...
NSL-4132 LUNA-NSL-4132 Datasheet
76Kb / 2P
Ceramic Package Photocell
NSL-4142 LUNA-NSL-4142 Datasheet
72Kb / 2P
Ceramic Package Photocell
NSL5162 LUNA-NSL5162 Datasheet
97Kb / 2P
Ceramic Package Photocell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com