Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-CEUP-CE Datasheet (PDF) - ams-OSRAM AG

LUW-CEUP-CE Datasheet PDF - ams-OSRAM AG
Part # LUW-CEUP-CE
Download  LUW-CEUP-CE Download
File Size   1981.28 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Compact CL

LUW-CEUP-CE Datasheet (PDF)

Go To PDF Page Download Datasheet
LUW-CEUP-CE Datasheet PDF - ams-OSRAM AG

Part # LUW-CEUP-CE
Download  LUW-CEUP-CE Click to download

File Size   1981.28 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Compact CL

LUW-CEUP-CE Datasheet (HTML) - ams-OSRAM AG


LUW-CEUP-CE Product details

Applications
- Dynamic Forward Lighting - Static Forward Lighting
Features
- Package: Ceramic package
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.33, Cy = 0.34 acc. to CIE 1931 (● ultra white)
- Corrosion Robustness Class: 3A
- Qualifications: AEC-Q102 Qualified
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)





Similar Part No. - LUW-CEUP-CE

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUW-CEUP.CE OSRAM-LUW-CEUP.CE Datasheet
805Kb / 23P
Ceramic package
More results


Similar Description - LUW-CEUP-CE

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4710 OSRAM-SFH4710 Datasheet
308Kb / 12P
OSLON Compact (850nm)
KW2CFLNM1.TG OSRAM-KW2CFLNM1.TG Datasheet
863Kb / 24P
OSLON Compact PL
KWC2L5L1.TE OSRAM-KWC2L5L1.TE Datasheet
980Kb / 21P
OSLON Submount CL
KYCELNM1.FY OSRAM-KYCELNM1.FY Datasheet
779Kb / 23P
OSLON Compact PL
SFH-4710 OSRAM-SFH-4710 Datasheet
192Kb / 12P
OSLON Compact
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
logo
Lapp.
61803816 LAPP-61803816 Datasheet
106Kb / 1P
SILVYN® COMPACT PG
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com