Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-CP7P Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LUW-CP7P
Description  SMD ceramic package with silicon resin with lens
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-CP7P Datasheet(HTML) 1 Page - OSRAM GmbH

  LUW-CP7P Datasheet HTML 1Page - OSRAM GmbH LUW-CP7P Datasheet HTML 2Page - OSRAM GmbH LUW-CP7P Datasheet HTML 3Page - OSRAM GmbH LUW-CP7P Datasheet HTML 4Page - OSRAM GmbH LUW-CP7P Datasheet HTML 5Page - OSRAM GmbH LUW-CP7P Datasheet HTML 6Page - OSRAM GmbH LUW-CP7P Datasheet HTML 7Page - OSRAM GmbH LUW-CP7P Datasheet HTML 8Page - OSRAM GmbH LUW-CP7P Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LUW CP7P
OSLON SSL
Ceramic package
Lead (Pb) Free Product - RoHS Compliant
Vorläufige Daten / Preliminary Data
2010-01-07
1
Besondere Merkmale
• Gehäusetyp: SMD Keramik Gehäuse mit
Silikonverguss und Linse
• Typischer Lichtstrom: 110 lm bei 350 mA
• Besonderheit des Bauteils: Kompakte
Lichtquelle für platzsparende Designs
• Farbort: x = 0,31, y = 0,32 nach
CIE 1931 (weiß)
• typische Farbtemperatur: 6500 K
• Abstrahlwinkel: 80°
• Technologie: ThinGaN
• optischer Wirkungsgrad: 100 lm/W
• Gruppierungsparameter: Lichtstrom, Farbort
• Lötmethode: Reflow Löten
• Vorbehandlung: nach JEDEC Level 1
• Gurtung: 8-mm Gurt mit 600/Rolle, ø180 mm
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-D
Anwendungen
• Lampen- und Leuchten-Retrofits
• Spot-Lichtquellen
• Schreibtischleuchten
• Akzentbeleuchtung
• Einbau-Deckenleuchten
• Ladenbeleuchtung
Features
• package: SMD ceramic package with silicon
resin with lens
• typical Luminous Flux: 110 lm at 350 mA
• feature of the device: small size high-flux LED
for slim designs
• color coordinates: x = 0.31, y = 0.32 acc. to
CIE 1931 (white)
• typ. color temperature: 6500 K
• viewing angle: 80°
• technology: ThinGaN
• optical efficiency: 100 lm/W
• grouping parameter: luminous flux,
color coordinates
• soldering methods: reflow soldering
• preconditioning: acc. to JEDEC Level 1
• taping: 8-mm tape with 600/reel, ø180 mm
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-D
Applications
• Residential retrofits & fixtures
• Spot lights
• Task lights
• Accent lights
• Professional downlights
Shop lighting


Similar Part No. - LUW-CP7P

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUW-CPDP OSRAM-LUW-CPDP Datasheet
509Kb / 21P
SMD ceramic package with silicon resin with lens
More results

Similar Description - LUW-CP7P

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LACP7P OSRAM-LACP7P Datasheet
419Kb / 20P
SMD ceramic package with silicon resin with lens
LACPDP OSRAM-LACPDP Datasheet
416Kb / 20P
SMD ceramic package with silicon resin with lens
LDCP7P OSRAM-LDCP7P Datasheet
405Kb / 19P
SMD ceramic package with silicon resin with lens
LHCPDP OSRAM-LHCPDP Datasheet
363Kb / 17P
SMD ceramic package with silicon resin with lens
LCWCPDP.PC OSRAM-LCWCPDP.PC Datasheet
475Kb / 19P
SMD ceramic package with silicon resin with lens
LCWCQ7P.CC OSRAM-LCWCQ7P.CC Datasheet
559Kb / 22P
SMD ceramic package with silicon resin with lens
LCW-CP7P OSRAM-LCW-CP7P Datasheet
565Kb / 21P
SMD ceramic package with silicon resin with lens
LCW-CQ7P.CC OSRAM-LCW-CQ7P.CC Datasheet
559Kb / 22P
SMD ceramic package with silicon resin with lens
LCW-CQAR.PC OSRAM-LCW-CQAR.PC Datasheet
197Kb / 10P
SMD ceramic package with silicon resin with lens
LUW-CPDP OSRAM-LUW-CPDP Datasheet
509Kb / 21P
SMD ceramic package with silicon resin with lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com