Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCPDU Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # DCPDU
Description  DC POWER DISTRIBUTION UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

DCPDU Datasheet(HTML) 2 Page - Bel Fuse Inc.

  DCPDU Datasheet HTML 1Page - Bel Fuse Inc. DCPDU Datasheet HTML 2Page - Bel Fuse Inc. DCPDU Datasheet HTML 3Page - Bel Fuse Inc. DCPDU Datasheet HTML 4Page - Bel Fuse Inc. DCPDU Datasheet HTML 5Page - Bel Fuse Inc. DCPDU Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
DC PDU
tech.support@psbel.com
DC PDU
YSD.00134
A maximum of 600 W total is allocated to power the switches and a rack-monitoring device. Each Power Shelf is capable of
providing the 600 W by itself, or, if two shelves are present in the rack, each will supply 300 W. Each of the 2 DC inputs from the
shelves is connected in the PDU to 2 separate outputs implemented with different connectors (Molex and Anderson Power). The
picture below shows the power electrical connections in the PDU.
Figure 1: Electrical Schematic
The PDU collects the monitoring and communication signals from the Power Shelves and distributes them to the Rack-Monitoring
device. The signal connectors are standard RJ45. The picture below shows the electrical connections of the monitoring and
communication signals in the PDU.
NOTE: The colors in the following figure are not standard.
Figure 2. Communication Wiring



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com