Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCPDU Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # DCPDU
Description  DC POWER DISTRIBUTION UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

DCPDU Datasheet(HTML) 4 Page - Bel Fuse Inc.

  DCPDU Datasheet HTML 1Page - Bel Fuse Inc. DCPDU Datasheet HTML 2Page - Bel Fuse Inc. DCPDU Datasheet HTML 3Page - Bel Fuse Inc. DCPDU Datasheet HTML 4Page - Bel Fuse Inc. DCPDU Datasheet HTML 5Page - Bel Fuse Inc. DCPDU Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
DC PDU
tech.support@psbel.com
Agency Approvals
UL 60950-1
CE Mark
RoHS Compliant
High-Pot Test
DC input side (+54 VDC and return) to the earth
ground chassis (GND)
750
VDC
Altitude
Operating
3000
10000
m
ft
Non-Operating (without derating)
15000
49000
m
ft
Operating Ambient Temperature
-5
+45
°C
Storage Temperature
-40
+70
°C
Transportation Temperature
short term storage, 72 hours
-55
+85
°C
Relative Humidity
Operating: Non-condescending
Non-operating: 38.7°C maximum wet bulb
temperature with no cosmetic damage
10
5
90
95
%
Shock
Operating : 11 ms, 3 half-sine wave shocks, 3 axes
Non-Operating: 2 ms, 6 half-sine wave shocks, 3
axes
5
140
g
Sinusoidal Vibration
Operating: zero to peak, 10 to 500 Hz, 0.25 oct/min
Non-Operating : zero-to-peak, 10 to 500 Hz, 0.5
oct/min
0.25
0.75
g
3.1 OUTPUT POWER CONNECTIONS
The PDU implements 2 +2 output Power connectors implemented with 2 different connectors types.
Below the implemented PNs from Molex and APP are shown.
Figure 4. DC Output Connectors



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com