Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-CRDP Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LUW-CRDP
Description  SMD ceramic package with silicon resin with lens
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-CRDP Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LUW-CRDP Datasheet HTML 6Page - OSRAM GmbH LUW-CRDP Datasheet HTML 7Page - OSRAM GmbH LUW-CRDP Datasheet HTML 8Page - OSRAM GmbH LUW-CRDP Datasheet HTML 9Page - OSRAM GmbH LUW-CRDP Datasheet HTML 10Page - OSRAM GmbH LUW-CRDP Datasheet HTML 11Page - OSRAM GmbH LUW-CRDP Datasheet HTML 12Page - OSRAM GmbH LUW-CRDP Datasheet HTML 13Page - OSRAM GmbH LUW-CRDP Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
2012-02-15 Version 1.0
10
Version 1.0
LUW CRDP (streetwhite)
Package Outline 9) page 18
Maßzeichnung 9) Seite 18
Note
Package not suitable for ultra sonic cleaning.
Anm.
Das Gehäuse ist für Ultraschallreinigung nicht geeignet.
Approximate Weight:
25 mg
Gewicht:
25 mg
Mark:
Cathode
Markierung:
Kathode
ESD information:
LED is protected by ESD device which is connected
in parallel to LED-Chip.
ESD Information:
Die LED enthält ein ESD-Bauteil, das parallel zum
Chip geschalten ist.
Corrosion robustness:
Test conditions: 40°C / 90 % rh / 15 ppm H
2S / 336 h
= Stricter than IEC 60068-2-43 (H
2S) [25°C / 75 %
rh / 10 ppm H
2S / 21 days]
= Regarding relevant gas (H
2S) stricter than EN
60068-2-60 (method 4) [25°C / 75 % rh / 200ppb
SO
2, 200ppb NO2,10ppb Cl2 / 21 days]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com