Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-CRDP Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LUW-CRDP
Description  SMD ceramic package with silicon resin with lens
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-CRDP Datasheet(HTML) 4 Page - OSRAM GmbH

  LUW-CRDP Datasheet HTML 1Page - OSRAM GmbH LUW-CRDP Datasheet HTML 2Page - OSRAM GmbH LUW-CRDP Datasheet HTML 3Page - OSRAM GmbH LUW-CRDP Datasheet HTML 4Page - OSRAM GmbH LUW-CRDP Datasheet HTML 5Page - OSRAM GmbH LUW-CRDP Datasheet HTML 6Page - OSRAM GmbH LUW-CRDP Datasheet HTML 7Page - OSRAM GmbH LUW-CRDP Datasheet HTML 8Page - OSRAM GmbH LUW-CRDP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2012-02-15 Version 1.0
4
Version 1.0
LUW CRDP (streetwhite)
Characteristics (T
S = 25 °C, IF = 350 mA)
Kennwerte
Forward Voltage Groups
3) page 18
Durchlassspannungsgruppe
3) Seite 18
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Viewing angle at 50 % I
V
(horizontal)
Abstrahlwinkel bei 50 % I
V
(Horizontal)
typ.
2
ϕ
150
°
Forward voltage
3) page 18
Durchlassspannung
3) Seite 18
min.
typ.
max.
V
F
V
F
V
F
2.80
3.10
3.25
V
V
V
Reverse voltage(at 20 mA)
4) page 18
Sperrspannung ( bei 20 mA)
4) Seite
18
max
.
V
R
1.2
V
"Electrical" thermal resistance
junction / solder point
"Elektrischer" Wärmewiderstand
Sperrschicht / Lötpad
typ.
max.
R
th JS el
R
th JS el
7
9.4
K/W
K/W
** R
th max based on statistic values (6Û)
** R
th max basiert auf statistischen Werten (6Û)
Group
Gruppe
min.V
F[V]
max.V
F[V]
L1
2.80
2.90
L2
2.90
3.00
M1
3.00
3.10
MX
3.10
3.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com