Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC564LC4TR-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC564LC4TR-R5
Description  GaAs SMT pHEMT LOW NOISE AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC564LC4TR-R5 Datasheet(HTML) 3 Page - Analog Devices

  HMC564LC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC564LC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC564LC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC564LC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC564LC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC564LC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC564LC4TR-R5 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HMC564LC4
v08.0618
GaAs SMT pHEMT LOW NOISE
AMPLIFIER, 7 - 14 GHz
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
3
Gain, Power & Noise Figure
vs. Supply Voltage @ 8 GHz
Reverse Isolation vs. Temperature
Power Compression @ 8 GHz
0
5
10
15
20
-15
-10
-5
0
Pout
Gain
PAE
INPUT POWER (dBm)
-50
-40
-30
-20
-10
0
6
7
8
9
10
11
12
13
14
15
+25C
+85C
-40C
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
9
10
2.5
3
3.5
Vdd (Vdc)
Gain
P1dB
Noise Figure
P1dB vs. Temperature
Psat vs. Temperature
0
4
8
12
16
20
6
7
8
9
10
11
12
13
14
15
+25C
+85C
-40C
FREQUENCY (GHz)
0
4
8
12
16
20
6
7
8
9
10
11
12
13
14
15
+25C
+85C
-40C
FREQUENCY (GHz)
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
100
1K
10K
100K
1M
10M
OFFSET FREQUENCY (Hz)
Additive Phase Noise Vs Offset Frequency,
RF Frequency = 11 GHz,
RF Input Power = 2.5 dBm (Psat)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com