Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC564LC4TR-R5 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC564LC4TR-R5
Description  GaAs SMT pHEMT LOW NOISE AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC564LC4TR-R5 Datasheet(HTML) 5 Page - Analog Devices

  HMC564LC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC564LC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC564LC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC564LC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC564LC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC564LC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC564LC4TR-R5 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HMC564LC4
v08.0618
GaAs SMT pHEMT LOW NOISE
AMPLIFIER, 7 - 14 GHz
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
5
Outline Drawing
Absolute Maximum Ratings
Drain Bias Voltage (Vdd1, Vdd2)
+3.5 Vdc
RF Input Power (RFIN)
(Vdd = +3.0 Vdc)
+20 dBm
Channel Temperature
175 °C
Continuous Pdiss (T= 85 °C)
(derate 12.9 mW/°C above 85 °C)
1.16 W
Thermal Resistance
(channel to ground paddle)
77.5 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
Vdd (V)
Idd (mA)
2.5
49
3.0
51
3.5
53
Note: Amplifier will operate over full voltage ranges shown above.
Typical Supply Current vs. Vdd
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
12
0.50
BSC
2.50 REF
24-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-24-1)
Dimensions shown in millimeters.
BOTTOM VIEW
TOP VIEW
1
24
7
13
18
19
6
0.36
0.30
0.24
EXPOSED
PAD
PIN 1
INDICATOR
4.05
3.90 SQ
3.75
3.10 BSC
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
2.60
2.50 SQ
2.40
PIN 1
0.32
BSC
0.08
BSC
SIDE VIEW
1.00
0.90
0.80
SEATING
PLANE
24-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-24-1)
Dimensions shown in millimeters.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [2]
HMC564LC4
Alumina, White
Gold over Nickel
MSL3
[1]
H564
XXXX
HMC564LC4TR
Alumina, White
Gold over Nickel
MSL3
[1]
H564
XXXX
HMC564LC4TR-R5
Alumina, White
Gold over Nickel
MSL3
[1]
H564
XXXX
[1] Max peak reflow temperature of 260 °C
[2] 4-Digit lot number XXXX
Package Information



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com