Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC565LC5TR-R5 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC565LC5TR-R5
Description  GaAs SMT PHEMT LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC565LC5TR-R5 Datasheet(HTML) 4 Page - Analog Devices

  HMC565LC5TR-R5 Datasheet HTML 1Page - Analog Devices HMC565LC5TR-R5 Datasheet HTML 2Page - Analog Devices HMC565LC5TR-R5 Datasheet HTML 3Page - Analog Devices HMC565LC5TR-R5 Datasheet HTML 4Page - Analog Devices HMC565LC5TR-R5 Datasheet HTML 5Page - Analog Devices HMC565LC5TR-R5 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
4
HMC565LC5
v04.0118
GaAs SMT PHEMT LOW NOISE
AMPLIFIER, 6 - 20 GHz
Outline Drawing
Absolute Maximum Ratings
Drain Bias Voltage (Vdd1, Vdd2, Vdd3)
+3.5 Vdc
RF Input Power (RFIN)(Vdd = +3.0 Vdc)
10 dBm
Channel Temperature
175 °C
Continuous Pdiss (T= 85 °C)
(derate 8.5 mW/°C above 85 °C)
0.753 W
Thermal Resistance
(channel to ground paddle)
119.5 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
Vdd (V)
Idd (mA)
+2.5
51
+3.0
53
+3.5
56
Typical Supply Current vs. Vdd
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
16
0.50
BSC
3.50 REF
0.20 MIN
32-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-32-1)
Dimensions shown in millimeters.
BOTTOM VIEW
TOP VIEW
SIDE VIEW
1
32
9
17
24
25
8
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.36
0.30
0.24
EXPOSED
PAD
PIN 1
INDICATOR
5.05
4.90 SQ
4.75
4.10 REF
1.10
1.00
0.90
0.38
0.32
0.26
3.60
3.50 SQ
3.40
PIN 1
0.08
REF
SEATING
PLANE
32-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-32-1)
Dimensions shown in millimeters.
Part Number
Package Material
Lead Finish
MSL Rating [1]
Package Marking [2]
HMC565LC5
Alumina, White
Gold over Nickle
MSL3
H565
XXXX
HMC565LC5TR
Alumina, White
Gold over Nickle
MSL3
H565
XXXX
HMC565LC5TR-R5
Alumina, White
Gold over Nickle
MSL3
H565
XXXX
ORDERING GUIDE
[1] Max peak reflow temperature of 260 °C
[2] 4-Digit lot number XXXX



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com