Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC565LC5TR-R5 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC565LC5TR-R5
Description  GaAs SMT PHEMT LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC565LC5TR-R5 Datasheet(HTML) 5 Page - Analog Devices

  HMC565LC5TR-R5 Datasheet HTML 1Page - Analog Devices HMC565LC5TR-R5 Datasheet HTML 2Page - Analog Devices HMC565LC5TR-R5 Datasheet HTML 3Page - Analog Devices HMC565LC5TR-R5 Datasheet HTML 4Page - Analog Devices HMC565LC5TR-R5 Datasheet HTML 5Page - Analog Devices HMC565LC5TR-R5 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
5
HMC565LC5
v04.0118
GaAs SMT PHEMT LOW NOISE
AMPLIFIER, 6 - 20 GHz
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 2, 6 - 19,
23 - 25, 27,
29, 31, 32
N/C
This pin may be connected to RF/DC ground.
Performance will not be affected.
3, 5, 20, 22
GND
These pins and package bottom must be
connected to RF/DC ground.
4
RFIN
This pin is AC coupled
and matched to 50 Ohms.
21
RFOUT
This pin is AC coupled
and matched to 50 Ohms.
30, 28, 26
Vdd1, 2, 3
Power Supply Voltage for the amplifier. External bypass
capacitors of 100 pF and 2.2 µF are required.
Application Circuit
Component
Value
C1, C2, C3
100 pF
C4, C5, C6
2.2 µF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com