Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54VCXH162244 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 54VCXH162244
Description  LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54VCXH162244 Datasheet(HTML) 1 Page - STMicroelectronics

  54VCXH162244 Datasheet HTML 1Page - STMicroelectronics 54VCXH162244 Datasheet HTML 2Page - STMicroelectronics 54VCXH162244 Datasheet HTML 3Page - STMicroelectronics 54VCXH162244 Datasheet HTML 4Page - STMicroelectronics 54VCXH162244 Datasheet HTML 5Page - STMicroelectronics 54VCXH162244 Datasheet HTML 6Page - STMicroelectronics 54VCXH162244 Datasheet HTML 7Page - STMicroelectronics 54VCXH162244 Datasheet HTML 8Page - STMicroelectronics 54VCXH162244 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
May 2005
I
3.6V TOLERANT INPUTS AND OUTPUTS
I
HIGH SPEED :
tPD = 3.4 ns (MAX.) at VCC = 3.0 to 3.6V
tPD = 3.8 ns (MAX.) at VCC = 2.3 to 2.7V
I
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
I
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 12mA (MIN) at VCC = 3.0V
|IOH| = IOL = 8mA (MIN) at VCC = 2.3V
I
26
Ω SERIE RESISTORS IN OUTPUTS
I
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2.3V to 3.6V
I
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES H162244
I
BUS HOLD PROVIDED ON DATA INPUTS
I
LATCH-UP PERFORMANCE EXCEEDS
300mA (JESD 17)
I
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
I
100 Krad mil. 1019.6 (RHA QUAL)
CONDITION A
I
NO SEL, NO SEU UNDER 72 Mev/cm2/mg
LET HEAVY IONS IRRADIATION
I
QML QUALIFIED PRODUCT
I
SMD 5962-05210
DESCRIPTION
The 54VCXH162244 is a low voltage CMOS 16
BIT BUS BUFFER (NON INVERTED) fabricated
with sub-micron silicon gate and five-layer metal
wiring C2MOS technology. It is ideal for low power
and very high speed 2.3 to 3.6V applications; it
can be interfaced to 3.6V signal environment for
both inputs and outputs.
Any
nG
output
control
governs
four
BUS
BUFFERS. Output Enable input (nG) tied together
gives full 16-bit operation.
When nG is LOW, the outputs are on. When nG is
HIGH, the output are in high impedance state.
This device is designed to be used with 3 state
memory address drivers, etc. Bus hold on data
inputs is provided in order to eliminate the need for
external pull-up or pull-down resistor.
The device circuits is including 26
Ω series
resistance in the outputs. These resistors permit
to reduce line noise in high speed applications.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
54VCXH162244
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.)
WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Figure 1: Pin Connection
Rev. 2
FLAT-48


Similar Part No. - 54VCXH162244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
54VCXH162244 STMICROELECTRONICS-54VCXH162244 Datasheet
473Kb / 17P
Low voltage CMOS 16-bit bus buffer (3-state inverter) with 3.6V tolerant inputs and outputs
30-Jul-2007
54VCXH162244 STMICROELECTRONICS-54VCXH162244 Datasheet
457Kb / 18P
Low voltage CMOS 16-bit bus buffer (3-state non inverter) with 3.6 V tolerant inputs and outputs
29-Jul-2011
54VCXH162244 STMICROELECTRONICS-54VCXH162244_07 Datasheet
473Kb / 17P
Low voltage CMOS 16-bit bus buffer (3-state inverter) with 3.6V tolerant inputs and outputs
30-Jul-2007
54VCXH162244 STMICROELECTRONICS-54VCXH162244_11 Datasheet
457Kb / 18P
Low voltage CMOS 16-bit bus buffer (3-state non inverter) with 3.6 V tolerant inputs and outputs
29-Jul-2011
More results

Similar Description - 54VCXH162244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VCX162244 STMICROELECTRONICS-74VCX162244 Datasheet
229Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74VCX162245 STMICROELECTRONICS-74VCX162245 Datasheet
279Kb / 13P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
74VCXH162245 STMICROELECTRONICS-74VCXH162245 Datasheet
272Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
74VCXR162245 STMICROELECTRONICS-74VCXR162245 Datasheet
272Kb / 13P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245 Datasheet
236Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
09-Jul-2004
74VCXH16244 STMICROELECTRONICS-74VCXH16244 Datasheet
231Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74ALVCH16244 STMICROELECTRONICS-74ALVCH16244 Datasheet
224Kb / 10P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74VCX16240 STMICROELECTRONICS-74VCX16240 Datasheet
244Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74VCX16244 STMICROELECTRONICS-74VCX16244 Datasheet
233Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
54VCXH162244 STMICROELECTRONICS-54VCXH162244_07 Datasheet
473Kb / 17P
Low voltage CMOS 16-bit bus buffer (3-state inverter) with 3.6V tolerant inputs and outputs
30-Jul-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com