Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS640G Datasheet(PDF) 8 Page - SPANSION

Part # AM29BDS640G
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS640G Datasheet(HTML) 8 Page - SPANSION

Back Button AM29BDS640G Datasheet HTML 4Page - SPANSION AM29BDS640G Datasheet HTML 5Page - SPANSION AM29BDS640G Datasheet HTML 6Page - SPANSION AM29BDS640G Datasheet HTML 7Page - SPANSION AM29BDS640G Datasheet HTML 8Page - SPANSION AM29BDS640G Datasheet HTML 9Page - SPANSION AM29BDS640G Datasheet HTML 10Page - SPANSION AM29BDS640G Datasheet HTML 11Page - SPANSION AM29BDS640G Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
6Am29BDS640G
25903C1 October 1, 2003
Prelimin ary
Product Selector Guide
Notes:
1. Speed Options ending in “3” and “8” indicate the “reduced wait-state handshaking” option, which speeds initial
synchronous accesses for even addresses.
2. Speed Options ending in “4” and “9” indicate the “standard handshaking” option.
3. See the AC Characteristics section of this datasheet for full specifications.
Part Number
Am29BDS640G
Burst Frequency
54 MHz
40 MHz
Speed Option
VCC = 1.65 – 1.95 V,
VIO = 2.7 – 3.15 V
D3, D4
C3, C4
VCC, VIO = 1.65 – 1.95 V
D8, D9
C8, C9
Max Initial Synchronous Access Time, ns (tIACC)
Reduced Wait-state Handshaking: Even Address
87.5
95
Max Initial Synchronous Access Time, ns (tIACC)
Reduced Wait-state Handshaking: Odd Address; or Standard Handshaking
106
120
Max Burst Access Time, ns (tBACC)
13.5
20
Max Asynchronous Access Time, ns (tACC)
70
90
Max CE# Access, ns (tCE)
Max OE# Access, ns (tOE)
13.5
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com