Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS640G Datasheet(PDF) 13 Page - SPANSION

Part # AM29BDS640G
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS640G Datasheet(HTML) 13 Page - SPANSION

Back Button AM29BDS640G Datasheet HTML 9Page - SPANSION AM29BDS640G Datasheet HTML 10Page - SPANSION AM29BDS640G Datasheet HTML 11Page - SPANSION AM29BDS640G Datasheet HTML 12Page - SPANSION AM29BDS640G Datasheet HTML 13Page - SPANSION AM29BDS640G Datasheet HTML 14Page - SPANSION AM29BDS640G Datasheet HTML 15Page - SPANSION AM29BDS640G Datasheet HTML 16Page - SPANSION AM29BDS640G Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
October 1, 2003 25903C1
Am29BDS640G
11
Prelimin ary
Ordering Information
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this
device. Consult the local AMD sales office to confirm availability of specific valid
combinations and to check on newly released combinations.
Note: For the Am29BDS640G, the last digit of the speed grade specifies the VIO range
of the device. Speed options ending in “8” and “9” (e.g., D8, D9) indicate a 1.8 Volt
VIO range. Speed grades ending in “3” and “4” (e.g., D3, D4) indicate a 3.0 Volt VIO
range.
Am29BDS640G
T
D
8
WS
I
TEMPERATURE RANGE
I
= Industrial (–40
°C to +85°C)
PACKAGE TYPE
WS
= 80-Ball Fine-Pitch Grid Array (FBGA)
0.80 mm pitch, 11 x 12 mm package (FBE080)
VIO AND HANDSHAKING FEATURES
8= 1.8 V VIO, reduced wait-state handshaking
9= 1.8 V VIO, standard handshaking
3= 3 V VIO, reduced wait-state handshaking
4= 3 V VIO, standard handshaking
CLOCK RATE/ASYNCHRONOUS SPEED
D
= 54 MHz/70 ns
C
= 40 MHz/90 ns
BOOT CODE SECTOR ARCHITECTURE
T
= Top boot sector
B
= Bottom boot sector
DEVICE NUMBER/DESCRIPTION
Am29BDS640G
64 Megabit (4 M x 16-Bit) CMOS Flash Memory, Simultaneous Read/Write,
Burst Mode Flash Memory, 1.8 Volt-only Read, Program, and Erase
Valid Combinations
Burst Frequency
(MHz)
VIO Range
Order Number
Package Marking
Am29BDS640GTD8
Am29BDS640GBD8
WSI
BS640GTD8V
BS640GBD8V
54
1.65–1.95V
Am29BDS640GTD9
Am29BDS640GBD9
BS640GTD9V
BS640GBD9V
Am29BDS640GTC8
Am29BDS640GBC8
BS640GTC8V
BS640GBC8V
40
Am29BDS640GTC9
Am29BDS640GBC9
BS640GTC9V
BS640GBC9V
Am29BDS640GTD3
Am29BDS640GBD3
WSI
BS640GTD3V
BS640GBD3V
54
2.7–3.15V
Am29BDS640GTD4
Am29BDS640GBD4
BS640GTD4V
BS640GBD4V
Am29BDS640GTC3
Am29BDS640GBC3
BS640GTC3V
BS640GBC3V
40
Am29BDS640GTC4
Am29BDS640GBC4
BS640GTC4V
BS640GBC4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com