Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6528 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6528
Description  5V to 60V, H-Bridge Gate Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6528 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6528 Datasheet HTML 1Page - Monolithic Power Systems MP6528 Datasheet HTML 2Page - Monolithic Power Systems MP6528 Datasheet HTML 3Page - Monolithic Power Systems MP6528 Datasheet HTML 4Page - Monolithic Power Systems MP6528 Datasheet HTML 5Page - Monolithic Power Systems MP6528 Datasheet HTML 6Page - Monolithic Power Systems MP6528 Datasheet HTML 7Page - Monolithic Power Systems MP6528 Datasheet HTML 8Page - Monolithic Power Systems MP6528 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MP6528 – 5V TO 60V, H-BRIDGE GATE DRIVER
MP6528 Rev. 1.03
www.MonolithicPower.com
3
6/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS
(1)
Input voltage (VIN) .......................... -0.3V to 65V
CPA ............................................... -0.3V to 60V
CPB ............................................ -0.3V to 12.5V
VREG ............................................ -0.3V to 13V
BSTA/B/C ...................................... -0.3V to 70V
GHA/B/C........................................ -0.3V to 70V
GHA/B/C (Transient, 2
μS) ................ -8V to 70V
SHA/B/C ........................................ -0.3V to 65V
SHA/B/C (Transient, 2
μS)................. -8V to 65V
GLA/B/C ........................................ -0.3V to 13V
LSS.................................................. -0.3V to 1V
All other pins to AGND.................. -0.3V to 6.5V
Continuous power dissipation (TA = +25°C)
(2)
QFN-28 (4mmx4mm)
……………………2.9W
Storage temperature................ -55
C to +150C
Junction temperature ............................. +150
C
Lead temperature (solder) ..................... +260
C
Recommended Operating Conditions
(3)
Input voltage (VIN) ............................ +5V to 60V
OCREF voltage (VOC) ................ 0.125V to 2.4V
Operating junct. temp (TJ) ........ -40C to +125C
Thermal Resistance
(4)
θJA
θJC
QFN-28 (4mmx4mm) ............. 42 ....... 9.... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com