Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6528 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP6528
Description  5V to 60V, H-Bridge Gate Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6528 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP6528 Datasheet HTML 9Page - Monolithic Power Systems MP6528 Datasheet HTML 10Page - Monolithic Power Systems MP6528 Datasheet HTML 11Page - Monolithic Power Systems MP6528 Datasheet HTML 12Page - Monolithic Power Systems MP6528 Datasheet HTML 13Page - Monolithic Power Systems MP6528 Datasheet HTML 14Page - Monolithic Power Systems MP6528 Datasheet HTML 15Page - Monolithic Power Systems MP6528 Datasheet HTML 16Page - Monolithic Power Systems MP6528 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP6528 – 5V TO 60V, H-BRIDGE GATE DRIVER
MP6528 Rev. 1.03
www.MonolithicPower.com
13
6/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATIONS INFORMATION
VIN Input Voltage
The VIN pin supplies all power to the device. It
must be properly bypassed with a capacitor to
ground
–
see
below
for
specific
recommendations.
The normal operating range of VIN is between
5V and 60V.
VIN should never be allowed to exceed the
absolute maximum ratings, even in a short term
transient condition, or damage to the device may
result.
In some cases
– especially where
mechanical energy can turn a motor into a
generator
– it may be necessary to use some
form of overvoltage protection, such as a TVS
diode, between VIN and ground.
Component Selection
MOSFET selection
Correctly selecting the power MOSFETs used to
drive a motor is crucial to designing a successful
motor drive.
The first requirement is that the MOSFET must
have a VDS breakdown voltage that is higher
than the supply voltage. It is recommended that
considerable margin
– 10-15 volts - be added to
prevent
MOSFET
damage
from
transient
voltages
that
can
be
caused
by
parasitic
inductances in the PCB layout and wiring. For
example, for 24V power supply applications,
MOSFETs having a breakdown voltage of 40V-
60V minimum are recommended. More margin
is desirable in high current applications, as the
transients caused by parasitic inductances may
be larger.
Also, there are conditions like
regenerative braking that can inject current back
into the power supply; care must be taken that
this does not cause an increase in the power
supply
voltage
large
enough
to
damage
components.
The MOSFETs must be able to safely pass the
current needed to run the motor.
The highest
current condition, which is normally when the
motor is first started or stalled, needs to be
supported.
This is typically called the “stall
current” of the motor.
Related to the current capability of the MOSFET
is the rds(on).
This is the resistance of the
MOSFE
T when it is in the fully “turned on” state.
The MOSFET will dissipate power proportional to
the rds(on) and the motor current: P=I
2R. The
rds(on) needs to be selected so that for the
desired motor current, the heat generated in this
power can be safely dissipated. In some cases,
this
may
require
special
PCB
design
considerations and/or external heatsinks to be
used for the MOSFETs.
Some consideration should be made for the safe
operating area (SOA) of the MOSFETs in fault
conditions, such as a short circuit. The IC will act
quickly in the event of a short, but there is still a
very short time (on the order of 3µS) where large
currents can flow in the MOSFETs while the
protection circuits recognize the fault and disable
the outputs.
External Capacitor Selection
The MP6528 has a unique feature in that it can
provide a gate drive voltage (VREG) of 10-12V
even if the input supply voltage drops as low as
5V.
This gate drive voltage is generated by a
charge pump inside the part, which uses external
capacitors.
The charge pump flying capacitor, CCP, should
have a capacitance of 470nF.
It needs to be
rated to withstand the maximum VIN power
supply voltage.
An X7R or X5R ceramic
capacitor is recommended.
With a 470nF
capacitor, VREG can output approximately 10mA
when VIN is 5V. If operation below 10V is not
needed, a 220nF capacitor can be used
To provide the large peak currents needed to
turn on the HS MOSFET, bootstrap capacitors
are used.
These capacitors are charged when
the output is driven low, then the charge in the
bootstrap capacitor is used to turn on the HS
MOSFET when the output is driven high. (Note
that an internal charge pump will keep the
bootstrap capacitor changed when the output is
held high for an extended period).
The bootstrap capacitors are selected depending
on the MOSFET total gate charge. When the HS
MOSFET is turned on, the charge stored in the
bootstrap capacitor is transferred to the HS
MOSFET gate. As a simplified approximation,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com