Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDLI27H63PCIN Datasheet(PDF) 51 Page - SPANSION

Part # AM29PDLI27H63PCIN
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDLI27H63PCIN Datasheet(HTML) 51 Page - SPANSION

Back Button AM29PDLI27H63PCIN Datasheet HTML 47Page - SPANSION AM29PDLI27H63PCIN Datasheet HTML 48Page - SPANSION AM29PDLI27H63PCIN Datasheet HTML 49Page - SPANSION AM29PDLI27H63PCIN Datasheet HTML 50Page - SPANSION AM29PDLI27H63PCIN Datasheet HTML 51Page - SPANSION AM29PDLI27H63PCIN Datasheet HTML 52Page - SPANSION AM29PDLI27H63PCIN Datasheet HTML 53Page - SPANSION AM29PDLI27H63PCIN Datasheet HTML 54Page - SPANSION AM29PDLI27H63PCIN Datasheet HTML 55Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
June 30, 2003
Am29PDL127H
49
ADV ANCE
I N FO RMAT I O N
AC CHARACTERISTIC
Read-Only Operations
Notes:
1.
Not 100% tested.
2.
See Figure 10 and Table 16 for test specifications
3.
Measurements performed by placing a 50 ohm termination on the
data pin with a bias of VCC/2. The time from OE# high to the data
bus driven to V
CC/2 is taken as tDF.
Parameter
Description
Test Setup
Speed Options
JEDEC
Std.
53
63
68
83, 88
Unit
t
AVAV
t
RC
Read Cycle Time (Note 1)
Min
55
65
85
ns
t
AVQV
t
ACC
Address to Output Delay
CE#, OE# = V
IL
Max
556585
ns
t
ELQV
t
CE
Chip Enable to Output Delay
OE# = V
IL
Max
556585
ns
t
PACC
Page Access Time
Max
20
253030ns
t
GLQV
t
OE
Output Enable to Output Delay
Max
20
25
30
30
ns
t
EHQZ
t
DF
Chip Enable to Output High Z (Note 3)
Max
16
ns
t
GHQZ
t
DF
Output Enable to Output High Z (Notes 1, 3)
Max
16
ns
t
AXQX
t
OH
Output Hold Time From Addresses, CE# or
OE#, Whichever Occurs First (Notes 3)
Min
5
ns
t
OEH
Output Enable Hold Time
(Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com