Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDLI27H63PCIN Datasheet(PDF) 12 Page - SPANSION

Part # AM29PDLI27H63PCIN
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDLI27H63PCIN Datasheet(HTML) 12 Page - SPANSION

Back Button AM29PDLI27H63PCIN Datasheet HTML 8Page - SPANSION AM29PDLI27H63PCIN Datasheet HTML 9Page - SPANSION AM29PDLI27H63PCIN Datasheet HTML 10Page - SPANSION AM29PDLI27H63PCIN Datasheet HTML 11Page - SPANSION AM29PDLI27H63PCIN Datasheet HTML 12Page - SPANSION AM29PDLI27H63PCIN Datasheet HTML 13Page - SPANSION AM29PDLI27H63PCIN Datasheet HTML 14Page - SPANSION AM29PDLI27H63PCIN Datasheet HTML 15Page - SPANSION AM29PDLI27H63PCIN Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
10
Am29PDL127H
June 30, 2003
ADV ANCE
I N FO RMAT I O N
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in
volume for this device. Consult the local AMD sales office to con-
firm availability of specific valid combinations and to check on
newly released combinations.
Note:
1.
For the Am29PDL127H, the last digit of the speed grade specifies
the V
IO range of the device. Speed grades ending in 3 (e.g., 53,
63) indicate a 3 Volt V
IO range. Speed ending in 8 (e.g., 68, 68)
indicate a 1.8 Volt V
IO range.
Am29PDL127
H
53
VK
I
OPTIONAL PROCESSING
Blank =
Standard Processing
N
=
16-byte ESN devices
(Contact an AMD representative for more information)
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
PACKAGE TYPE
VK
=
80-Ball Fine-pitch Ball Grid Array
0.8 mm pitch, 11.5 x 9 mm package (VBB080)
PC
=
64-ball Fortified Ball Grid Array
1.0 mm pitch, 13 x 11 mm package (LAA064)
SPEED OPTION
See Product Selector Guide and Valid Combinations
Process Technology
H = 0.13 µm
DEVICE NUMBER/DESCRIPTION
Am29PDL127H
128 Megabit (8 M x 16-Bit) CMOS Flash Memory
3.0 Volt-only Read, Program, and Erase
Valid Combinations for BGA Packages
Order Number
Package Marking
Speed
(ns)
V
IO
Range
Am29PDL127H53
PCI
PD127H53P
I
55
2.7–
3.3 V
Am29PDL127H53
VKI
PD127H53V
Am29PDL127H63
PCI
PD127H63P
65
2.7–
3.6 V
Am29PDL127H63
VKI
PD127H63V
Am29PDL127H68
PCI
PD127H68P
1.65–
1.95 V
Am29PDL127H68
VKI
PD127H68V
Am29PDL127H83
PCI
PD127H83P
85
2.7–
3.6 V
Am29PDL127H83
VKI
PD127H83V
Am29PDL127H88
PCI
PD127H88P
1.65–
1.95 V
Am29PDL127H88
VKI
PD127H88V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com