Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDLI27H68PCIN Datasheet(PDF) 11 Page - SPANSION

Part # AM29PDLI27H68PCIN
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDLI27H68PCIN Datasheet(HTML) 11 Page - SPANSION

Back Button AM29PDLI27H68PCIN Datasheet HTML 7Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 8Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 9Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 10Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 11Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 12Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 13Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 14Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
June 30, 2003
Am29PDL127H
9
ADV ANCE
I N FO RMAT I O N
PIN DESCRIPTION
A22–A0
=
23-bit address bus for 128 Mb de-
vice. A9 supports 12 V autoselect in-
puts.
DQ15–DQ0 =
16-bit data inputs/outputs/float
CE#
=
Chip Enable Inputs
OE#
=
Output Enable Input
WE#
=
Write Enable
V
SS
=
Device Ground
NC
=
Pin Not Connected Internally
RY/BY#
=
Ready/Busy output and open drain.
When RY/BY#= V
IH, the device is
ready to accept read operations and
commands. When RY/BY#= V
OL,
the device is either executing an em-
bedded algorithm or the device is
executing a hardware reset opera-
tion.
WP#/ACC
=
Write Protect/Acceleration Input.
When WP/ACC#= V
IL, the highest
and lowest two 4K-word sectors are
write protected regardless of other
sector protection configurations.
When WP/ACC#= V
IH, these sector
are unprotected unless the DYB or
PPB is programmed. When
WP/ACC#= 12V, program and erase
operations are accelerated.
V
IO
=
Input/Output Buffer Power Supply
(1.65 V to 1.95 V or 2.7 V to 3.6 V)
V
CC
=
Chip Power Supply
(2.7 V to 3.6 V or 2.7 to 3.3 V)
RESET#
=
Hardware Reset Pin
LOGIC SYMBOL
23
16
DQ15–DQ0
A22–A0
CE#
OE#
WE#
RESET#
RY/BY#
WP#/ACC
V
IO (VCCQ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com