Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDLI27H68PCIN Datasheet(PDF) 16 Page - SPANSION

Part # AM29PDLI27H68PCIN
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDLI27H68PCIN Datasheet(HTML) 16 Page - SPANSION

Back Button AM29PDLI27H68PCIN Datasheet HTML 12Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 13Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 14Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 15Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 16Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 17Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 18Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 19Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 20Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
14
Am29PDL127H
June 30, 2003
ADV ANCE
I N FO RMAT I O N
Table 4.
Am29PDL127H Sector Architecture
Bank
Sector
Sector Address (A22-A12)
Sector Size (Kwords)
Address Range (x16)
SA0
00000000000
4
000000h–000FFFh
SA1
00000000001
4
001000h–001FFFh
SA2
00000000010
4
002000h–002FFFh
SA3
00000000011
4
003000h–003FFFh
SA4
00000000100
4
004000h–004FFFh
SA5
00000000101
4
005000h–005FFFh
SA6
00000000110
4
006000h–006FFFh
SA7
00000000111
4
007000h–007FFFh
SA8
00000001XXX
32
008000h–00FFFFh
SA9
00000010XXX
32
010000h–017FFFh
SA10
00000011XXX
32
018000h–01FFFFh
SA11
00000100XXX
32
020000h–027FFFh
SA12
00000101XXX
32
028000h–02FFFFh
SA13
00000110XXX
32
030000h–037FFFh
SA14
00000111XXX
32
038000h–03FFFFh
SA15
00001000XXX
32
040000h–047FFFh
SA16
00001001XXX
32
048000h–04FFFFh
SA17
00001010XXX
32
050000h–057FFFh
SA18
00001011XXX
32
058000h–05FFFFh
SA19
00001100XXX
32
060000h–067FFFh
SA20
00001101XXX
32
068000h–06FFFFh
SA21
00001110XXX
32
070000h–077FFFh
SA22
00001111XXX
32
078000h–07FFFFh
SA23
00010000XXX
32
080000h–087FFFh
SA24
00010001XXX
32
088000h–08FFFFh
SA25
00010010XXX
32
090000h–097FFFh
SA26
00010011XXX
32
098000h–09FFFFh
SA27
00010100XXX
32
0A0000h–0A7FFFh
SA28
00010101XXX
32
0A8000h–0AFFFFh
SA29
00010110XXX
32
0B0000h–0B7FFFh
SA30
00010111XXX
32
0B8000h–0BFFFFh
SA31
00011000XXX
32
0C0000h–0C7FFFh
SA32
00011001XXX
32
0C8000h–0CFFFFh
SA33
00011010XXX
32
0D0000h–0D7FFFh
SA34
00011011XXX
32
0D8000h–0DFFFFh
SA35
00011100XXX
32
0E0000h–0E7FFFh
SA36
00011101XXX
32
0E8000h–0EFFFFh
SA37
00011110XXX
32
0F0000h–0F7FFFh
SA38
00011111XXX
32
0F8000h–0FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com